Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC06AD Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC06AD
Description  Hex inverter with open-drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC06AD Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC06AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC06AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
74LVC06A
Hex inverter with open-drain outputs
Table 8. Measurement points
Supply voltage
Input
Output
VCC
VM
VX
< 2.7 V
0.5 × VCC
VOL + 0.15 V
≥ 2.7 V to 3.6 V
1.5 V
VOL + 0.3 V
≥ 4.5 V to 5.5 V
0.5 × VCC
VOL + 0.3 V
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig. 7. Test circuit for measuring switching times
Table 9. Test data
Input
Load
VEXT
Supply voltage
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2 V
VCC
≤ 2 ns
30 pF
1 kΩ
open
2 × VCC
GND
1.65 V to 1.95 V
VCC
≤ 2 ns
30 pF
1 kΩ
open
2 × VCC
GND
2.3 V to 2.7 V
VCC
≤ 2 ns
30 pF
500 Ω
open
2 × VCC
GND
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
open
2 × VCC
GND
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500 Ω
open
2 × VCC
GND
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500 Ω
open
2 × VCC
GND
74LVC06A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 7 — 4 August 2020
6 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com