Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXP42X Datasheet(PDF) 9 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 9 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 5Page - Intel Corporation IXP42X Datasheet HTML 6Page - Intel Corporation IXP42X Datasheet HTML 7Page - Intel Corporation IXP42X Datasheet HTML 8Page - Intel Corporation IXP42X Datasheet HTML 9Page - Intel Corporation IXP42X Datasheet HTML 10Page - Intel Corporation IXP42X Datasheet HTML 11Page - Intel Corporation IXP42X Datasheet HTML 12Page - Intel Corporation IXP42X Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
9
1.0
Introduction
1.1
About this Document
This datasheet contains a functional overview of the Intel® IXP42X Product Line of Network
Processors and IXC1100 Control Plane Processor, as well as mechanical data (package signal
locations and simulated thermal characteristics), targeted electrical specifications, and some bus
functional wave forms for the device. Detailed functional descriptions — other than parametric
performance — are published in the Intel® IXP42X Product Line of Network Processors and
IXC1100 Control Plane Processor Developer’s Manual.
Other related documents are shown in Table 1.
Table 1.
Related Documents
Document Title
Document #
Intel® IXP4XX Product Line of Network Processors Specification Update
306428
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Developer’s Manual
252480
Intel® IXP400 Software Programmer’s Guide
252539
Intel® IXP400 Software Specification Update
273795
Intel XScale® Core Developer’s Manual
273473
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Hardware Design Guidelines
252817
Intel XScale® Microarchitecture Technical Summary
—
PCI Local Bus Specification, Rev. 2.2
—
Universal Serial Bus Specification, Revision 1.1
—
PC133 SDRAM Specification
—
Table 2.
Terminology and Acronyms
Acronym/
Terminology
Description
AAL
ATM Adaptation Layers
AES
Advanced Encryption Standard
AHB
Advanced High-Performance Bus
APB
Advanced Peripheral Bus
API
Application Program Interface
Assert
The logically active value of a signal or bit.
ATM
Asynchronous Transmission Mode
AQM
AHB Queue Manager
BTB
Branch Target Buffer
CRC
Cyclical Redundancy Check
Deassert
The logically inactive value of a signal or bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com