Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXP42X Datasheet(PDF) 28 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 28 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 24Page - Intel Corporation IXP42X Datasheet HTML 25Page - Intel Corporation IXP42X Datasheet HTML 26Page - Intel Corporation IXP42X Datasheet HTML 27Page - Intel Corporation IXP42X Datasheet HTML 28Page - Intel Corporation IXP42X Datasheet HTML 29Page - Intel Corporation IXP42X Datasheet HTML 30Page - Intel Corporation IXP42X Datasheet HTML 31Page - Intel Corporation IXP42X Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
28
Document Number: 252479, Revision: 005
The memory pipe has eight stages:
• The first five stages of the Integer pipe (BTB/Fetch 1 through ALU Execute)
. . . then finish with the following memory stages:
• Data Cache 1
• Data Cache 2
• Data Cache Writeback
The MAC pipe has six to nine stages:
• The first four stages of the Integer pipe (BTB/Fetch 1 through Register File/ Shift)
. . . then finish with the following MAC stages:
• MAC 1
• MAC 2
• MAC 3
• MAC 4
• Data Cache Writeback
The MAC pipe supports a data-dependent early terminate where stages MAC 2, MAC 3, and/or
MAC 4 are bypassed.
Deep pipes promote high instruction execution rates only when a means exists to successfully
predict the outcome of branch instructions. The branch target buffer provides such a means.
2.2.2
Branch Target Buffer (BTB)
Each entry of the 128-entry BTB contains the address of a branch instruction, the target address
associated with the branch instruction, and a previous history of the branch being taken or not
taken. The history is recorded as one of four states:
The BTB can be enabled or disabled via Coprocessor 15, Register 1.
When the address of the branch instruction hits in the BTB and its history is strongly or weakly
taken, the instruction at the branch target address is fetched. When its history is strongly or weakly
not-taken, the next sequential instruction is fetched. In either case the history is updated.
Data associated with a branch instruction enters the BTB the first time the branch is taken. This
data enters the BTB in a slot with a history of strongly not-taken (overwriting previous data when
present).
Successfully predicted branches avoid any branch-latency penalties in the super pipeline.
Unsuccessfully predicted branches result in a four to five cycle branch-latency penalty in the super
pipeline.
• Strongly taken
• Weakly taken
• Weakly not taken
• Strongly not taken



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com