Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWIXP425BDT Datasheet(PDF) 27 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 27 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 23Page - Intel Corporation GWIXP425BDT Datasheet HTML 24Page - Intel Corporation GWIXP425BDT Datasheet HTML 25Page - Intel Corporation GWIXP425BDT Datasheet HTML 26Page - Intel Corporation GWIXP425BDT Datasheet HTML 27Page - Intel Corporation GWIXP425BDT Datasheet HTML 28Page - Intel Corporation GWIXP425BDT Datasheet HTML 29Page - Intel Corporation GWIXP425BDT Datasheet HTML 30Page - Intel Corporation GWIXP425BDT Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
27
Eight-entry write buffer allows the core to continue execution while data is written to memory
Multiple-accumulate coprocessor that can do two simultaneous, 16-bit, SIMD multiplies with
40-bit accumulation for efficient, high-quality media and signal processing
Performance monitoring unit (PMU) furnishing two 32-bit event counters and one 32-bit cycle
counter for analysis of hit rates, etc.
This PMU is for the Intel XScale core only. An additional PMU is supplied for monitoring of
internal bus performance.
JTAG debug unit that uses hardware break points and 256-entry trace history buffer (for flow-
change messages) to debug programs
2.2.1
Super Pipeline
The super pipeline is composed of integer, multiply-accumulate (MAC), and memory pipes.
The integer pipe has seven stages:
Branch Target Buffer (BTB)/Fetch 1
Fetch 2
Decode
Register File/Shift
ALU Execute
State Execute
Integer Writeback
Figure 6.
Intel XScale® Core Block Diagram
A9568-02
Multiply
Accumulate
Execution
Core
Interrupt
Request
Instruction
FIQ
Coprocessor Interface
IRQ
Data
Address
Data
System
Management
Debug/
PMU
JTAG
South
AHB
Bus
Data Cache
32 KB
Mini-Data Cache
2 KB
M
M
U
Instruction Cache
32 KB
M
M
U
Branch Target Cache



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com