Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWIXP425BDT Datasheet(PDF) 36 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 36 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 32Page - Intel Corporation GWIXP425BDT Datasheet HTML 33Page - Intel Corporation GWIXP425BDT Datasheet HTML 34Page - Intel Corporation GWIXP425BDT Datasheet HTML 35Page - Intel Corporation GWIXP425BDT Datasheet HTML 36Page - Intel Corporation GWIXP425BDT Datasheet HTML 37Page - Intel Corporation GWIXP425BDT Datasheet HTML 38Page - Intel Corporation GWIXP425BDT Datasheet HTML 39Page - Intel Corporation GWIXP425BDT Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
36
Document Number: 252479, Revision: 005
Table 7.
PCI Controller (Sheet 1 of 2)
Name
Power
on
Reset1
Reset2 Type
Description
PCI_AD[31:0]
Z
Z
I/O
PCI Address/Data bus used to transfer address and bidirectional
data to and from multiple PCI devices.
Should be pulled low with a 10-K
Ω resistor when not being
utilized in the system.
PCI_CBE_N[3:0]
Z
Z
I/O
PCI Command/Byte Enables is used as a command word during
PCI address cycles and as byte enables for data cycles.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_PAR
Z
Z
I/O
PCI Parity used to check parity across the 32 bits of PCI_AD and
the four bits of PCI_CBE_N.
Should be pulled low with a 10-K
Ω resistor when not being
utilized in the system.
PCI_FRAME_N
Z
Z
I/O
PCI Cycle Frame used to signify the beginning and duration of a
transaction. The signal will be inactive prior to or during the final
data phase of a given transaction.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_TRDY_N
Z
Z
I/O
PCI Target Ready informs that the target of the PCI bus is ready
to complete the current data phase of a given transaction.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_IRDY_N
Z
Z
I/O
PCI Initiator Ready informs the PCI bus that the initiator is ready
to complete the transaction.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_STOP_N
Z
Z
I/O
PCI Stop indicates that the current target is requesting the
current initiator to stop the current transaction.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_PERR_N
Z
Z
I/O
PCI Parity Error asserted when a PCI parity error is detected —
between the PCI_PAR and associated information on the
PCI_AD bus and PCI_CBE_N — during all PCI transactions,
except for Special Cycles. The agent receiving data will drive this
signal.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_SERR_N
Z
Z
I/OD
PCI System Error asserted when a parity error occurs on special
cycles or any other error that will cause the PCI bus not to
function properly. This signal can function as an input or an open
drain output.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com