Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPIC05030F-R47 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TMPIC05030F-R47
Description  Power Inductor SMD (5.0 X 5.5 X 3.0mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIC05030F-R47 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TMPIC05030F-R47 Datasheet HTML 1Page - Transko Electronics, Inc. TMPIC05030F-R47 Datasheet HTML 2Page - Transko Electronics, Inc. TMPIC05030F-R47 Datasheet HTML 3Page - Transko Electronics, Inc. TMPIC05030F-R47 Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TMPIC05030F
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 02
-
06
-
2018
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
SPECIFICATION
TMPIC05030F-R47
0.47
±20
8.50 (7.40)
12.0
11.0
TMPIC05030F-R68
0.68
±20
12.0 (11.0)
11.5
9.0
TMPIC05030F-1R0
1.0
±20
14.0 (13.0)
11.0
8.5
TMPIC05030F-1R2
1.2
±20
16.0 (15.0)
11.0
8.5
TMPIC05030F-1R5
1.5
±20
25.0 (20.0)
8.5
8.2
TMPIC05030F-2R2
2.2
±20
29.0 (25.0)
7.5
7.0
TMPIC05030F-3R3
3.3
±20
38.0 (32.0)
6.0
5.5
TMPIC05030F-4R7
4.7
±20
60.0 (50.0)
5.0
4.5
TMPIC05030F-6R8
6.8
±20
90.0 (75.0)
4.0
3.5
TMPIC05030F-100
10
±20
125 (110)
3.5
3.2
DC Resistance (mΩ)
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
Tolerance (%)
Max. (Typ.)
Measurement frequency of Inductance value : at 100KHz, 1V
Alloy Powder Molding
Low DCR
Magnetic shielded
Low acoustic noise
Halogen Free RoHS compliant
FEATURES
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
G
H
I
5.40 Max
5.70 Max
3.00 Max
2.20 ±0.3
1.20 Ref
6.00
2.20
2.50
mm
XXX


Similar Part No. - TMPIC05030F-R47

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC04020F-100M TRANSKO-TMPIC04020F-100M Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC04020F-1R0M TRANSKO-TMPIC04020F-1R0M Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC04020F-1R5M TRANSKO-TMPIC04020F-1R5M Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC04020F-2R2M TRANSKO-TMPIC04020F-2R2M Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
More results

Similar Description - TMPIC05030F-R47

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
5.0 x 3.2 x 0.9mm SMD
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
5.0 x 3.2 x 1.2mm SMD HCMOS
HSR43 EUROQUARTZ-HSR43 Datasheet
157Kb / 1P
11.4 x 9.6 x 3.0mm SMD
logo
Transko Electronics, In...
TMPIC07030F TRANSKO-TMPIC07030F Datasheet
625Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 2: 04-15-2019
TPI07030F TRANSKO-TPI07030F Datasheet
549Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 1: 02-14-2018
TPI07050F TRANSKO-TPI07050F Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI10040F TRANSKO-TPI10040F Datasheet
781Kb / 3P
Power Inductor SMD (10.3 X 11.5 X 4.0mm)
Rev 1: 05-09-2018
TPRH6D38F TRANSKO-TPRH6D38F Datasheet
745Kb / 3P
Power Inductor SMD (6.7 X 6.7 X 4.0mm)
Rev 2: 10-22-2019
TRSI5040F TRANSKO-TRSI5040F Datasheet
729Kb / 3P
Resin Shielded Inductor SMD (5.0 X 5.0 X 4.0mm)
Rev 2: 11-04-2019
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com