Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1007K Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 18Page - Renesas Technology Corp UPB1007K Datasheet HTML 19Page - Renesas Technology Corp UPB1007K Datasheet HTML 20Page - Renesas Technology Corp UPB1007K Datasheet HTML 21Page - Renesas Technology Corp UPB1007K Datasheet HTML 22Page - Renesas Technology Corp UPB1007K Datasheet HTML 23Page - Renesas Technology Corp UPB1007K Datasheet HTML 24Page - Renesas Technology Corp UPB1007K Datasheet HTML 25Page - Renesas Technology Corp UPB1007K Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MEASUREMENT CIRCUIT
MEASUREMENT CIRCUIT 1
RF BLOCK (LNA + RF MIX) / IF BLOCK (AGCamp + IF MIX + IFamp + ADC)
12
3
4
56
7
8
9
27
28
29
30
31
32
33
34
35
36
18
17
16
15
14
13
12
11
10
26
25
24
23
22
21
20
19
/2
/2
PD
/8
/6/7
/2
/4
Vth
2-bit
ADC
Vth
2-bit
ADC
4 pF
1 nF
100 nF
1 nF
1 nF
100 nF
8.2 k
Ω
100 nF
3.3 k
Ω
100 nF
100 nF
100 nF
VIQ-C
150 pF
100 pF
100 nF
100 nF
100 nF
100 nF
150 pF
100 pF
47 F
µ
100 nF
100 nF
100 nF
Balun Transformer 1:4
1 nF
1 nF
1 nF
Balun Transformer 1:1
1 nF
1 nF
1 nF
100 nF
200
Ω
6.8 nH
Data Sheet PU10282EJ01V0DS
20
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com