Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC451 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC451
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC451 Datasheet HTML 1Page - Renesas Technology Corp UPC451 Datasheet HTML 2Page - Renesas Technology Corp UPC451 Datasheet HTML 3Page - Renesas Technology Corp UPC451 Datasheet HTML 4Page - Renesas Technology Corp UPC451 Datasheet HTML 5Page - Renesas Technology Corp UPC451 Datasheet HTML 6Page - Renesas Technology Corp UPC451 Datasheet HTML 7Page - Renesas Technology Corp UPC451 Datasheet HTML 8Page - Renesas Technology Corp UPC451 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
μPC451, μPC324
R03DS0142EJ0100 Rev.1.00
Page 3 of 10
2019.1.17
ABSOLUTE MAXIMUM RATINGS
(TA = 25 C)
Parameter
Symbol
μPC451G2,
μPC451G2(5)
μPC324G2,
μPC324G2(5)
μPC451GR,
μPC451GR(5)
μPC358GR,
μPC358GR(5)
Unit
Voltage between V+
and V− Note1
V + - V -
-0.3 ~ +32
V
Differential Input
Voltage
VID
±32
V
Input Voltage Note 2
VI
V - -0.3 ~ V - +32
V
Output applied
Voltage Note3
Vo
V - -0.3 ~ V + +0.3
V
Total Power
Dissipation Note4
PT
550
mW
Output Short Circuit
Duration Note5
tS
Indefinite
s
Operating Ambient
Temperature
TA
-40 ~ +85
-20 ~ +80
-40 ~ +125
-40 ~ +85
C
Storage
Temperature
Tstg
-55 ~ +125
-55 ~ +150
-55 ~ +125
C
【
Note】
1. Note that reverse connections of the power supply may damage the ICs.
2. The input voltage is allowed to input without damage or destruction independent of the magnitude of V+.
Either input signal is not allowed to go negative by more than 0.3 V. In addition, the input voltage that
operates normally as an operational amplifier is within the Common Mode Input Voltage range of an
electrical characteristic.
3. A range where input voltage can be applied to an output pin externally with no deterioration or damage to
the feature (characteristic). The input voltage can be applied regardless of the electric supply voltage. This
specification which includes the transition state such as electric power ON/OFF must be kept.
4. This is the value when the glass epoxy substrate (size: 100 mm x 100 mm, thickness: 1 mm, 15% of the
substrate area where only one side is copper foiled is filling wired) is mounted.
Note that restrictions will be made to the following conditions for each product, and the derating ratio
depending on the operating ambient temperature.
μPC4511G2, 324G2: Derate at -5.5 mW/
C when TA > 25 C
μPC451GR-9LG : Derate at -7.0 mW/
C when TA > 71 C
(Junction − ambient thermal resistance Rth(J-A) = 144°C/W)
μPC324GR-9LG : Derate at -7.0 mW/
C when TA > 46 C
(Junction − ambient thermal resistance Rth(J-A) = 144°C/W)
5. Short circuits from the output to V+ can cause destruction. (V+
≦ +15V, for any one channel only) Pay careful
attention to the total power dissipation by not exceeding the absolute maximum ratings, Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (Split)
V ±
±1.5
±15
V
Power Supply Voltage (V - = GND)
V+
+3
+30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com