Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC451 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC451
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC451 Datasheet HTML 3Page - Renesas Technology Corp UPC451 Datasheet HTML 4Page - Renesas Technology Corp UPC451 Datasheet HTML 5Page - Renesas Technology Corp UPC451 Datasheet HTML 6Page - Renesas Technology Corp UPC451 Datasheet HTML 7Page - Renesas Technology Corp UPC451 Datasheet HTML 8Page - Renesas Technology Corp UPC451 Datasheet HTML 9Page - Renesas Technology Corp UPC451 Datasheet HTML 10Page - Renesas Technology Corp UPC451 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
μPC451, μPC324
R03DS0142EJ0100 Rev.1.00
Page 10 of 10
2019.1.17
14-PIN PLASTIC TSSOP
JEITA Package code
RENESAS code
Previous code
MASS(TYP.) [g]
P-TSSOP14-0225-0.65
PTSP0014JB-A
P14GR-65-9LG-1
-
ITEM
D
D1
E
HE
A
A1
A2
A3
0.25
+0.06
-0.05
c
L0.5
Lp
L1
+5°
-3°
e0.65
x0.10
y0.10
ZD
0.625
0.60 ±0.15
1.00 ±0.20
θ3°
1.20 MAX.
0.10 ±0.05
1.00 ±0.05
b0.24
0.145 ±0.055
MILLIMETERS
5.15 ±0.15
5.00 ±0.10
4.40 ±0.10
6.40 ±0.20
Unit : mm
NOTE
Each lead centerline is located within 0.10 mm of
its true position at maximum material condition.
detail of lead end



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com