Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1798CS8-3 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1798CS8-3
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1798CS8-3 Datasheet(HTML) 7 Page - Linear Technology

  LTC1798CS8-3 Datasheet HTML 1Page - Linear Technology LTC1798CS8-3 Datasheet HTML 2Page - Linear Technology LTC1798CS8-3 Datasheet HTML 3Page - Linear Technology LTC1798CS8-3 Datasheet HTML 4Page - Linear Technology LTC1798CS8-3 Datasheet HTML 5Page - Linear Technology LTC1798CS8-3 Datasheet HTML 6Page - Linear Technology LTC1798CS8-3 Datasheet HTML 7Page - Linear Technology LTC1798CS8-3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC1798 Series
7
Internal P-Channel Pass Transistor
The LTC1798 series features an internal P-channel MOSFET
pass transistor. This provides several advantages over
similar designs using a PNP bipolar pass transistor.
These references consume only 4
µA of quiescent current
under light and heavy loads as well as in dropout; whereas,
PNP-based references waste considerable amounts of
current when the pass transistor is saturated. In addition,
the LTC1798 series provides a lower dropout voltage
(200mV max) than PNP-based references.
APPLICATIO S I FOR ATIO
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com