Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1798CS8-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1798CS8-3
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1798CS8-3 Datasheet(HTML) 4 Page - Linear Technology

  LTC1798CS8-3 Datasheet HTML 1Page - Linear Technology LTC1798CS8-3 Datasheet HTML 2Page - Linear Technology LTC1798CS8-3 Datasheet HTML 3Page - Linear Technology LTC1798CS8-3 Datasheet HTML 4Page - Linear Technology LTC1798CS8-3 Datasheet HTML 5Page - Linear Technology LTC1798CS8-3 Datasheet HTML 6Page - Linear Technology LTC1798CS8-3 Datasheet HTML 7Page - Linear Technology LTC1798CS8-3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1798 Series
4
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1798-2.5* Output Short-Circuit
Current vs Input Voltage
LTC1798 Series
Load Regulation
LTC1798-2.5* Output Short-Circuit
Current vs Input Voltage
LTC1798-2.5*
Output Voltage vs Input Voltage
LTC1798-2.5*
Input Current vs Input Voltage
LTC1798-2.5 PSRR vs Frequency
LTC1798-2.5 0.1Hz to 10Hz Noise
LTC1798-5 Input Current vs Input
Voltage in Dropout
LTC1798-2.5 Input Current vs Input
Voltage in Dropout
INPUT VOLTAGE (V)
2
25
20
15
10
5
0
4
68
10
1258-G04
12
14
TA = 25°C
OUTPUT SHORTED
TO VIN
INPUT VOLTAGE (V)
2
42
41
4
68
10
1798 G05
12
14
TA = 25°C
OUTPUT SHORTED
TO GND
OUTPUT CURRENT (mA)
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
1
10
100
1798 G06
0.1
TA = 25°C
VIN = VOUT(NOM) + 0.2V
SINKING
SOURCING
INPUT VOLTAGE (V)
2
2.5010
2.5005
2.5000
2.4995
4
68
10
1798 G07
12
14
TA = 25°C
INPUT VOLTAGE (V)
2
7
6
5
4
4
68
10
1798 G08
12
14
TA = 25°C
FREQUENCY (Hz)
60
50
40
30
20
10
0
10
1k
10k
1798 G09
100
VIN = 2.7V
5
µV/DIV
1798 G10
1SEC/DIV
VIN = 2.7V
INPUT VOLTAGE (V)
0123456789
10
1798 G11
1400
1200
1000
800
600
400
200
0
TA = –55°C
TA = 25°C
TA = 125°C
INPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1798 G12
250
200
150
100
50
0
TA = 25°C
TA = –55°C
TA = 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com