Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2272 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
26
4.6.1.1 Slow DMA Read Timing
In this mode, DREQ is de-asserted within T20 after the beginning of the read transaction. It is then re-asserted
within T21 after the end of the read transaction.
D0
NetChip Technology; NET2272; Slow Mode DMA Read; 08/19/02; DMARD.TD
D1
0ns
50ns
100ns
150ns
DREQ
DACK#
IOR# (Optional)
LD[15:0]
EOT# (Optional)
4.6.1.2 Fast DMA Read Timing
In this mode, DREQ is de-asserted at the beginning of the read transaction. It is then re-asserted either at the end of
the read transaction if the read enable width is greater than T21, or at T21 after the beginning of the read transaction
if the read enable width is less than T21.
D0
NetChip Technology; NET2272; Fast Mode DMA Read; 08/19/02; DMARD_FAST.TD
D2
D1
0ns
25ns
50ns
75ns
100ns
DREQ
DACK#
IOR# (Optional)
LD[15:0]
EOT# (Optional)
4.6.1.3 Burst DMA Read Timing
In this mode, DREQ remains asserted until the DMA transfer completes.
D0
NetChip Technology; NET2272; Burst Mode DMA Read; 09/04/02; DMARD_BURST.TD
D2
D1
0ns
25ns
50ns
75ns
100ns
DREQ
DACK#
IOR# (Optional)
LD[15:0]
EOT# (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com