Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2272 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # NET2272
Description  USB 2.0 Peripheral Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2272 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button NET2272 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 69Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 70Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 71Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 72Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 73Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 74Page - List of Unclassifed Manufacturers NET2272 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
Specification
NET2272 USB Peripheral Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
Patent Pending
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 1.2, October 15, 2003
71
8.6.10 (Address 0Eh; EP_RSPCLR) Endpoint Response Register Clear
Note: Writing a 1 to bits 7:0 clears the corresponding register bits.
Bits
Description
Read
Write
Default
Value
7
Alt NAK OUT Packets. This bit is set when a short data packet is received from the
host by this endpoint, and the NAK OUT Packets Mode bit is set. If this bit is set and
another OUT token is received, a NAK is returned to the host if another OUT packet
is sent to this endpoint. This bit can also be cleared by a bit in the EP_STAT0
register.
Yes
Yes/Clr
0
6
Hide Status Phase.
When set, the DATA Packet Received and Data Packet
Transmitted interrupts for status phase packets are not set.
Yes
Yes/Clr
0
5
Auto Validate. When set, this bit allows automatic validation of maximum length
packets. Automatic validation means that if there are EP_MAXPKT bytes in the
endpoint buffer, the data is returned to the USB host in response to the next IN token
without being manually validated by the local CPU. This is the normal mode of
operation for endpoint transactions and is the default state for this bit. When this bit
is clear, packets must be manually validated. Writing zero to EP_TRANSFER0
when EP_TRANSFER1 and EP_TRANSFER2 have a value of 0 validates the
contents of this IN endpoint buffer regardless of the state of the Auto Validate bit; if
the buffer is empty, writing zero to EP_TRANSFER0 validates a Zero Length
Packet.
Yes
Yes/Clr
1
4
Interrupt Mode.
This bit is only used for INTERRUPT endpoints. For normal
interrupt data, this bit should be set to zero and standard data toggle protocol is
followed. When this interrupt endpoint is used for isochronous rate feedback
information, this bit should be set high. In this mode the data toggle bit is changed
after each packet is sent to the host without regard to handshaking. No packet retries
are performed in the rate feedback mode.
Yes
Yes/Clr
0
3
Control Status Phase Handshake. This bit is only used for endpoint 0. This bit is
automatically set when a setup packet is detected. While the bit is set, a control status
phase will be acknowledged with a NAK. Once cleared, the proper response will be
returned to the host (ACK for Control Reads and zero-length packets for Control
Writes).
Yes
Yes/Clr
0
2
NAK OUT Packets Mode. This bit is only used for OUT endpoints. When NAK
OUT Packets Mode is true,
the NAK OUT Packets bit is set whenever a short packet
is received by this endpoint.
Yes
Yes/Clr
1
1
Endpoint Toggle. This bit is used to clear the endpoint data toggle bit. Reading this
bit returns the current state of the endpoint data toggle bit. Under normal operation,
the toggle bit is controlled automatically, so the local CPU does not need to use this
bit.
Yes
Yes/Clr
0
0
Endpoint Halt. This bit is used to clear the endpoint stall bit. When an Endpoint Set
Feature Standard Request to the halt bit is detected by the local CPU, it must write a
1 to this bit. Reading this bit returns the current state of the endpoint halt bit. For
Endpoint 0, the halt bit is automatically cleared when another Setup packet is
received.
Yes
Yes/Clr
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com