Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4263-2GS Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4263-2GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Datasheet
6
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
General product characteristics
3
General product characteristics
3.1
Absolute maximum ratings
Table 2
Absolute maximum ratings1)
Tj = -40°C to +150°C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input I
Input voltage
Input current
VI
II
-42
45
V
Internally limited
P_3.1.1
Reset output RO
Input voltage
Input current
VRO
IRO
-0.3
42
V
Internally limited
P_3.1.2
Reset threshold RADJ
Voltage
VRADJ
-0.3
6
V
P_3.1.3
Reset delay D
Voltage
Current
VD
ID
-0.3
42
V
Internally limited
P_3.1.4
Output Q
Voltage
Current
VQ
IQ
0.30
7.0
V
Internally limited
P_3.1.5
Inhibit INH
Input voltage
Input current
VINH
IINH
-42
45
V
Internally limited
P_3.1.6
Watchdog W
Voltage
VW
-0.3
6
V
P_3.1.7
Ground GND
Current
IGND
-0.5
A
P_3.1.8
Temperature
Junction temperature
Storage temperature
Tj
Tstg
-50
150
150
°C
°C
P_3.1.9
ESD susceptibility
Human body model (HBM)
Voltage
2
kV
2)
2) ESD HBM test according JEDEC JESD22-A114
P_3.1.10
Charged device model (CBM) Voltage
1
kV
3)
3) ESD CDM test according AEC/ESDA ESD-STM5 3.1-1999
P_3.1.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com