Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4263-2GS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4263-2GS
Description  5 V low drop voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263-2GS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4263-2GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 9Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 10Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 11Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 12Page - Infineon Technologies AG TLE4263-2GS Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Datasheet
9
Rev. 1.0
2023-07-11
OPTIREG™ linear TLE4263-2GS
5 V low drop voltage regulator
Functional description
Note:
The reset output is “low” within the range VQ = 1 V to VQ,rt.
Line regulation
∆VQ.li
–3
25
mV
VI = 6 V to 28 V;
IQ = 150 mA
P_4.2.10
Power supply ripple
rejection
PSRR
–54
dB
2)fr = 100 Hz;
Vr = 0.5 Vpp
P_4.2.11
Reset Generator
Switching threshold
VQ,rt
4.5
4.65
4.8
V
VRADJ = 0 V
P_4.2.12
Reset adjust threshold
VRADJ,th 1.26
1.36
1.44
V
3.5V ≤ VQ < 5 V
P_4.2.13
Reset low voltage
VRO,l
–0.10
0.40
V
IRO = 1 mA
P_4.2.14
Saturation voltage
VD,sat
50
110
mV
VQ < VRAD,th
P_4.2.15
Upper timing threshold
VDU
1.40
1.70
2.20
V
P_4.2.16
Lower reset timing
threshold
VDRL
0.20
0.35
0.59
V
P_4.2.17
Charge current
ID,ch
40
60
88
µA
P_4.2.18
Reset delay time
trd
1.3
2.8
4.1
ms
CD = 100 nF
P_4.2.19
Reset reaction time
trr
0.5
1.2
4.0
µs
CD = 100 nF
P_4.2.20
Watchdog
Discharge current
ID,wd
4.40
6.25
9.40
µA
VD = 1.0 V
P_4.2.22
Upper timing threshold
VDU
1.40
1.70
2.20
V
P_4.2.24
Lower timing threshold
VDWL
0.20
0.35
0.55
V
P_4.2.25
Watchdog trigger time
TWI,tr
16
22.5
27
ms
CD = 100 nF
VQ > VQ,RT
P_4.2.26
Watchdog output low
time
TWD,L
1.0
2.10
3.50
ms
CD = 100 nF
VQ > VQ,RT
P_4.2.27
Watchdog period
TWI,p = TWD,L + TWI,tr
TWD,p
17
24.6
30.5
ms
CD = 100 nF
VQ > VQ,RT
P_4.2.28
Inhibit
Switching voltage
VINH,ON
3.6
V
IC turned on
P_4.2.29
Turn-OFF voltage
VINH,OFF ––
0.8
V
IC turned off
P_4.2.30
Input current
IINH
510
27
µA
VINH = 5 V
P_4.2.31
1) Drop voltage = Vi - VQ (measured when the output voltage has dropped 100 mV from the nominal value obtained at 6 V
input).
2) Not subject to production test, specified by design.
Table 5
Electrical characteristics (cont’d)
VI = 13.5 V; VINH > 3.6 V Tj = -40°C to +150°C ; (unless specified otherwise)
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com