Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020D Datasheet(PDF) 25 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 25 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 21Page - SMSC Corporation COM20020D Datasheet HTML 22Page - SMSC Corporation COM20020D Datasheet HTML 23Page - SMSC Corporation COM20020D Datasheet HTML 24Page - SMSC Corporation COM20020D Datasheet HTML 25Page - SMSC Corporation COM20020D Datasheet HTML 26Page - SMSC Corporation COM20020D Datasheet HTML 27Page - SMSC Corporation COM20020D Datasheet HTML 28Page - SMSC Corporation COM20020D Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
25
INTERNAL REGISTERS
The COM20020D contains 14 internal registers.
Tables 2 and 3 illustrate the COM20020D register
map. All undefined bits are read as undefined and
must be written as logic "0".
Interrupt Mask Register (IMR)
The COM20020D is capable of generating an
interrupt signal when certain status bits become
true. A write to the IMR specifies which status bits
will be enabled to generate an interrupt. The bit
positions in the IMR are in the same position as
their corresponding status bits in the Status
Register and Diagnostic Status Register. A logic
"1"
in
a
particular
position
enables
the
corresponding interrupt. The Status bits capable of
generating an interrupt include the Receiver
Inhibited bit, New Next ID bit, Excessive NAK bit,
Reconfiguration
Timer
bit,
and
Transmitter
Available bit. No other Status or Diagnostic Status
bits can generate an interrupt.
The six maskable status bits are ANDed with their
respective mask bits, and the results are ORed to
produce
the
interrupt
signal.
An RI or TA
interrupt is masked when the corresponding mask
bit is reset to logic "0", but will reappear when the
corresponding mask bit is set to logic "1" again,
unless the interrupt status condition has been
cleared by this time.
A RECON interrupt is
cleared when the "Clear Flags" command is
issued. An EXCNAK interrupt is cleared when the
"POR Clear Flags" command is issued. A New
Next ID interrupt is cleared by reading the Next ID
Register. The Interrupt Mask Register defaults to
the value 0000 0000 upon hardware reset.
Data Register
This read/write 8-bit register is used as the
channel through which the data to and from the
RAM passes. The data is placed in or retrieved
from the address location presently specified by
the address pointer.
The contents of the Data
Register are undefined upon hardware reset. In
case of READ operation, the Data Register is
loaded with the contents of COM20020D Internal
Memory upon writing Address Pointer low only
once.
Tentative ID Register
The Tentative ID Register is a read/write 8-bit
register accessed when the Sub Address Bits are
set
up
accordingly
(please
refer
to
the
Configuration Register and SUB ADR Register).
The Tentative ID Register can be used while the
node is on-line to build a network map of those
nodes existing on the network. It minimizes the
need for operator interaction with the network.
The node determines the existence of other nodes
by placing a Node ID value in the Tentative ID
Register and waiting to see if the Tentative ID bit
of the Diagnostic Status Register gets set. The
network map developed by this method is only
valid for a short period of time, since nodes may
join or depart from the network at any time. When
using the Tentative ID feature, a node cannot
detect the existence of the next logical node to
which it passes the token. The Next ID Register
will hold the ID value of that node. The Tentative
ID Register defaults to the value 0000 0000 upon
hardware reset only.
Node ID Register
The Node ID Register is a read/write 8-bit register
accessed when the Sub Address Bits are set up
accordingly (please refer to the Configuration
Register and SUB ADR Register). The Node ID
Register
contains
the
unique
value
which
identifies this particular node. Each node on the
network must have a unique Node ID value at all
times. The Duplicate ID bit of the Diagnostic
Status Register helps the user find a unique Node
ID. Refer to the Initialization Sequence section for
further detail on the use of the DUPID bit. The
core of the COM20020D does not wake up until a
Node ID other than zero is written into the Node
ID Register. During this time, no microcode is
executed, no tokens are passed by this node, and
no reconfigurations are caused by this node.
Once a non-zero NodeID is placed into the Node
ID Register, the core wakes up but will not join the
network until the TXEN bit of the Configuration
Register is set. While the Transmitter is disabled,
the Receiver portion of the device is still functional
and will provide the user with useful information
about the network. The Node ID Register defaults
to the value 0000 0000 upon hardware reset only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com