Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031AVEC Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button CLC031AVEC Datasheet HTML 23Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 24Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 25Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 26Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 27Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 28Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 29Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 30Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Pin Descriptions (Continued)
Pin
Name
Description
50
V
CLK
Parallel Video Data Clock Output
51
V
DDPLL
Positive Power Supply Input (2.5V supply, PLL)
52
V
SSPLL
Negative Power Supply Input (2.5V supply, PLL)
53
R
REF
Current Reference Resistor
54
R
BB
SDI Bias Supply Resistor
55
V
SSSI
Negative Power Supply Input (3.3V supply, Serial Input)
56
SDI
Serial Data Complement Input
57
SDI
Serial Data True Input
58
V
DDSI
Positive Power Supply Input (3.3V supply, Serial Input)
59
V
SSIO
Negative Power Supply Input (3.3V supply, I/O)
60
XTALi/EXT CLK
Crystal or External 27MHz Clock Input
61
XTALo
Crystal (Oscillator Output)
62
V
DDD
Positive Power Supply Input (2.5V supply, Digital Logic)
63
ANC/CTRL
ancillary/Control Data Port Function Control Input
64
RD/WR
ancillary/Control Data Port Read/Write Control Input
Note: All LVCMOS inputs have internal pull-down devices except VCLK and ACLK.
Application Information
A typical application circuit for the CLC031A is shown in the
Application Circuit diagram. This circuit demonstrates the
capabilities of the CLC031A and allows its evaluation in a
native configuration. An assembled demonstration board is
available, part number SD131EVK. The board may be or-
dered through any of National’s sales offices. Complete
circuit board layouts and schematics for the SD131EVK are
available on National’s WEB site. For latest availability infor-
mation, please see: www.national.com/appinfo/interface.
PCB LAYOUT AND POWER SYSTEM BYPASS
RECOMMENDATIONS
Circuit board layout and stack-up for the CLC031A should be
designed to provide noise-free power to the device. Good
layout practice also will separate high frequency or high-
level inputs and outputs from low-level inputs to minimize
unwanted stray noise pickup, feedback and interference.
Power system performance may be greatly improved by
using thin dielectrics (4 to 10 mils) for power/ground sand-
wiches. This increases the intrinsic capacitance of the PCB
power system which improves power supply filtering, espe-
cially at high frequencies, and makes the value and place-
ment of external bypass capacitors less critical. External
bypass capacitors should include both RF ceramic and tan-
talum electrolytic types. RF capacitors may use values in the
range 0.01 µF to 0.1 µF. Tantalum capacitors may be in the
range 2.2 µF to 10 µF. Voltage rating for tantalum capacitors
should be at least 5X the power supply voltage being used.
It is recommended practice to use two vias at each power pin
of the CLC031A as well as all RF bypass capacitor terminals.
Dual vias reduce the interconnect inductance by up to half,
thereby extending the effective frequency range of the by-
pass components.
The outer layers of the PCB may be flooded with additional
V
SS (ground) plane. These planes will improve shielding and
isolation as well as increase the intrinsic capacitance of the
power supply plane system. Naturally, to be effective, these
planes must be tied to the V
SS power supply plane at fre-
quent intervals with vias. Frequent via placement also im-
proves signal integrity on signal transmission lines by pro-
viding short paths for image currents which reduces signal
distortion. The planes should be pulled back from all trans-
mission lines and component mounting pads a distance
equal to the width of the widest transmission line or the
thickness of the dielectric separating the transmission line
from the internal power or ground plane(s) whichever is
greater. Doing so minimizes effects on transmission line
impedances and reduces unwanted parasitic capacitances
at component mounting pads.
In especially noisy power supply environments, such as is
often the case when using switching power supplies, sepa-
rate filtering may be used at the CLC031A’s PLL and serial
input power pins. The CLC031A was designed for this situ-
ation. The I/O, digital section, PLL and serial input power
supply feeds are independent (see pinout description table
and pinout drawing for details). Supply filtering may take the
form of L-section or pi-section, L-C filters in series with these
V
DD inputs. Such filters are available in a single package
from several manufacturers. Device power supplies must be
either sequenced as described in Section POWER SUP-
PLIES, POWER-ON-RESET AND RESET INPUT and ide-
ally should be applied simultaneously as from a common
source.
MAINTAINING OUTPUT DATA INTEGRITY
The way in which the TRS and other video data characters
are specified and are therefore output in parallel form can
result in the simultaneous switching of many of the
CLC031A’s CMOS outputs. Such switching can lead to the
production of output high level droop or low level ground
bounce. Given in the specifications, V
OLP is the peak output
LOW voltage or ground bounce and V
OHV is the lowest
output HIGH voltage or output droop that may occur under
dynamic simultaneous output switching conditions. V
OHV
and V
OLP are measured with respect to reference ground.
Careful attention to PCB layout, power pin connections to
the power planes and timing of the output data clocking can
reduce these effects. Consideration must also be given to
the timing allocated to external circuits which sample the
outputs.
The effects of simultaneous output switching on output levels
may be minimized by adopting good PCB layout and data
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com