Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031AVEC Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC031AVEC Datasheet HTML 6Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 7Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 8Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 9Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 10Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 11Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 12Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 13Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Timing Diagram
20020108
Device Operation
INTRODUCTION
The
CLC031A
SMPTE
292M/259M
Digital
Video
Deserializer/Decoder is used in digital video signal origina-
tion and destination equipment: cameras, video tape record-
ers, telecines, editors, standards converters, video test and
other equipment. It decodes and converts serial SDTV or
HDTV component digital video signals into parallel format.
The CLC031A decoder/deserializer processes serial digital
video (SDV) signals conforming to SMPTE 259M, SMPTE
344M (proposed) or SMPTE 292M and operates at serial
data rates of 270 Mbps, 360 Mbps, 540 Mbps, 1.483 Gbps
and 1.485 Gbps. Corresponding parallel output data rates
are 27.0 MHz, 36.0 MHz, 54.0 MHz, 74.176MHz and
74.25 MHz.
The CLC031A accepts ECL or LVDS serial data input sig-
nals. Outputs signals are compatible with LVCMOS logic
devices.
Note: In the following explanations, these logical equiva-
lences are observed: ON
≡ Enabled ≡ Set ≡ True ≡ Logic_1
and OFF
≡ Disabled ≡ Reset ≡ False ≡ Logic_0.
VIDEO DATA PATH
The Serial Data Inputs (SDI) accept serial video data at
SMPTE 259M standard definition, SMPTE 344M (proposed)
or SMPTE 292M high-definition data rates. These inputs
accept standard ECL or LVDS signal levels and may be used
single-ended or differentially. Inputs may be DC or AC
coupled, as required, to devices and circuits supplying the
data. Recommended operating conditions and all input DC
and AC voltage and current specifications shall be observed
when designing the input coupling circuits.
For convenience, a reference bias source, pin name R
REF,
sets the reference current available from the input bias
source, pin name R
BB. The recommended nominal value of
R
REF is 4.75k
Ω, 1%. R
BB is provided so that the SDI inputs
may be supplied DC bias voltage via external resistors when
the inputs are AC-coupled. The bias source should be
loaded with a resistance to the V
SS supply. The source
current available at R
BB is 200µA. Figure 1 shows a typical
input biasing scheme using R
BB and RREF.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com