Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63160J Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M63160J
Description  STEPPING MOTOR DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63160J Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M63160J Datasheet HTML 9Page - Renesas Technology Corp M63160J Datasheet HTML 10Page - Renesas Technology Corp M63160J Datasheet HTML 11Page - Renesas Technology Corp M63160J Datasheet HTML 12Page - Renesas Technology Corp M63160J Datasheet HTML 13Page - Renesas Technology Corp M63160J Datasheet HTML 14Page - Renesas Technology Corp M63160J Datasheet HTML 15Page - Renesas Technology Corp M63160J Datasheet HTML 16Page - Renesas Technology Corp M63160J Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M63160J
Rev.1.1, May.21.2004, page 13 of 17
Motor control functional explanation
1, Blank Time
A Mask time setup of the recovery current generated in Motor ON Timing is performed.
2, Off Time
The Motor OFF time after Itrip is set up.
3, Fast Decay Time
Fast Decay time in Mixed Decay Mode is set up.
(invalid at the time of Slow Decay and External PWM)
4, Sync.Rect
4-1, Active :FET is all turned off by current zero among Decay.
4-2, Passive :Reverse current is passed to a Vref setting value,and FET is all turned off after that.
Conditions1 :Internal PWM
⋅Sync.Rect.EnableControl1 “H ”⋅Mixed Decay Mode
State1 :Only the inside of Fast Decay is effective.
(When not reaching into Fast Decay at the above- mentioned setting value,it moves Slow Decay)
Conditions2 :External PWM
⋅Sync.Rect.EnableControl1 “H ”⋅Fast Decay Mode
5, Sync.Rect.Enable
5-1, Disabled :Sync.Rect.EnableControl1 “L ”
→Decay by the external diode is performed.
5-2, Enabled :Sync.Rect.EnableControl1 “H ”
→Decay with an internal transistor is performed.
6, Word Select
The taking- in place of serial data is set up (OUT1,OUT2,OUT1/OUT2).
7, Internal PWM
Decay is set up.
Decay Mode :Mixed /Slow
Mixed Decay :Fast Decay to Slow Decay
8, External PWM
A Decay setup at the time of the external control by EN terminal
Decay Mode :Fast /Slow
9, Phase Control
The direction to which current flows is set up.
Reverse: Phase B
→ Phase A
Forward: Phase A
→ Phase B
10, DAC
The current which FET passes is set up.
Itrip is set up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com