Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63160J Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M63160J
Description  STEPPING MOTOR DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63160J Datasheet(HTML) 3 Page - Renesas Technology Corp

  M63160J Datasheet HTML 1Page - Renesas Technology Corp M63160J Datasheet HTML 2Page - Renesas Technology Corp M63160J Datasheet HTML 3Page - Renesas Technology Corp M63160J Datasheet HTML 4Page - Renesas Technology Corp M63160J Datasheet HTML 5Page - Renesas Technology Corp M63160J Datasheet HTML 6Page - Renesas Technology Corp M63160J Datasheet HTML 7Page - Renesas Technology Corp M63160J Datasheet HTML 8Page - Renesas Technology Corp M63160J Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
M63160J
Rev.1.1, May.21.2004, page 3 of 17
Pin Function
TERMINAL
SYMBOL
TERMINAL FUNCTION
TERMINAL
SYMBOL
TERMINAL FUNCTION
1
Ground
GND
23
Ground
GND
2
Ground
GND
24
Out1A
Motor drive output1A
3
Out3A
Motor drive output3A
25
RS1
Current sense 1
4
RS3
Current sense 3
26
Out1B
Motor drive output1B
5
Out3B
Motor drive output3B
27
Vp1
Motor power supply 1
6
Vp3
Motor power supply 3
28
CLK12
Clock in terminal 12
7
CP1
Coupling capacitor1
29
STB12
Stand by mode select 12
8
CP2
Coupling capacitor2
30
DATA12
Data input terminal 12
9
Vboot
Bootstrap voltage
31
EN1
Enable 1
10
FB
Feed back
32
CTL1
Reference control 1
11
Ground
GND
33
CTL2
Reference control 2
12
Ground
GND
34
Ground
GND
13
Vout
Voltage output
35
Ground
GND
14
(Tmon)
Temperature monitor
36
CTL34
Reference control 34
15
EXCLK
External input terminal
37
EN2
Enable 2
16
RESET
RESET
38
DATA34
Data input terminal 34
17
NC
No contact
39
STB34
Stand by mode select 34
18
Vp2
Motor power supply 2
40
CLK34
Clock in terminal 34
19
Out2B
Motor drive output2B
41
Vp4
Motor power supply 4
20
RS2
Current sense 2
42
Out4B
Motor drive output4B
21
Out2A
Motor drive output2A
43
RS4
Current sense 4
22
Ground
GND
44
Out4A
Motor drive output4A
Absolute Maximam Rating
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VBOOT
Bootstrap voltage
65
V
VP
Motor power supply
52
V
Vcc
Power supply
6.5
V
Iout
Motor output current
2.0
A
Vin
Input voltage of terminals
-0.3 to 6.5
V
Pt
Power dissipation
Ta=25°C, Grass epoxy board
base
2.5W
W
K
θ
Thermal dissipation
Ta=25°C, Grass epoxy board
base
40
°C/W
Tj
Junction temperature
150
°C
Topr
Movement Circumference
temperature
-20 to 75
°C
Tstg
Storage temperature
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com