Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC494GS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPC494GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494GS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPC494GS Datasheet HTML 13Page - Renesas Technology Corp UPC494GS Datasheet HTML 14Page - Renesas Technology Corp UPC494GS Datasheet HTML 15Page - Renesas Technology Corp UPC494GS Datasheet HTML 16Page - Renesas Technology Corp UPC494GS Datasheet HTML 17Page - Renesas Technology Corp UPC494GS Datasheet HTML 18Page - Renesas Technology Corp UPC494GS Datasheet HTML 19Page - Renesas Technology Corp UPC494GS Datasheet HTML 20Page - Renesas Technology Corp UPC494GS Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet G12649EJ5V0DS00
15
μPC494
μ PC494GT-A
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
A
B
N
E
detail of lead end
K
L
P
H
G
F
I
D
18
16
9
M
S
S
C
M
J
16-PIN PLASTIC SOP (9.53 mm (375))
ITEM
B
C
I
A
D
E
F
G
H
J
M
MILLIMETERS
1.27 (T.P.)
0.805 MAX.
7.2
±0.2
10.2
±0.26
0.125
±0.075
0.42
2.9 MAX.
10.3
±0.3
2.50
±0.2
+0.08
−0.07
1.6
±0.2
0.12
0.10
N
K
L
0.17+
0.08
−0.07
0.8
±0.2
P
3
°+7°
−3°
P16GT-50-375B-2
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com