Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC494GS Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPC494GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494GS Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPC494GS Datasheet HTML 13Page - Renesas Technology Corp UPC494GS Datasheet HTML 14Page - Renesas Technology Corp UPC494GS Datasheet HTML 15Page - Renesas Technology Corp UPC494GS Datasheet HTML 16Page - Renesas Technology Corp UPC494GS Datasheet HTML 17Page - Renesas Technology Corp UPC494GS Datasheet HTML 18Page - Renesas Technology Corp UPC494GS Datasheet HTML 19Page - Renesas Technology Corp UPC494GS Datasheet HTML 20Page - Renesas Technology Corp UPC494GS Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet G12649EJ5V0DS00
17
μPC494
RECOMMENDED SOLDERING CONDITIONS
The
μ PC494 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Through-hole Device
μ PC494C: 16-pin plastic DIP (7.62 mm (300))
Process
Conditions
Symbol
Wave Soldering
(only to leads)
Solder temperature: 260
°C or below, Flow time: 10 seconds or less
WS60-00
Partial Heating Method
Pin temperature: 300
°C or below,
Heat time: 3 seconds or less (Per each side of the device)
P300
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.
Type of Surface Mount Device
μ PC494GS: 16-pin plastic SOP (7.62 mm (300))
Process
Conditions
Symbol
Infrared Ray Reflow
Maximum temperature (package’s surface temperature): 235
°C or below,
Time at maximum temperature: 10 seconds or less,
Time at temperature higher than 210
°C: 30 seconds or less,
Preheating time at 100 to 160
°C: 30 to 60 seconds, Times: 3 times,
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
IR35-00-3
Vapor Phase Soldering
Maximum temperature (package’s surface temperature): 215
°C or below,
Reflow time: 25 to 40 seconds or less (at 200
°C or higher),
Preheating time at 120 to 150
°C: 30 to 60 seconds, Times: 3 times,
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
VP15-00-3
Wave Soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Preheating temperature: 120
°C MAX. (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 350°C or below,
Heat time: 3 seconds or less (Per each side of the device),
Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
P350
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com