Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF121-5/R Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # RF121-5/R
Description  HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps MAGNETIC-LATCHING RF RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

RF121-5/R Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  RF121-5/R Datasheet HTML 1Page - Teledyne Technologies Incorporated RF121-5/R Datasheet HTML 2Page - Teledyne Technologies Incorporated RF121-5/R Datasheet HTML 3Page - Teledyne Technologies Incorporated RF121-5/R Datasheet HTML 4Page - Teledyne Technologies Incorporated RF121-5/R Datasheet HTML 5Page - Teledyne Technologies Incorporated RF121-5/R Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2021 TELEDYNE RELAYS
Series RF121/RF121R
SPDT Magnetic-Latching
DC-12GHz, 20Gbps RF Relay
RF121\RF121R\092021
GENERAL ELECTRICAL SPECIFICATIONS (-55 °C to 85 °C unless otherwise noted.)(Notes 2 & 3.)
Contact Arrangement
1 Form C (SPDT) with open contact grounded to case
Rated Duty
Continuous
Contact Load Rating
Resistive: .25A @ 28Vdc
Contact Life Rating
3,000,000 cycles typical at low level
Coil Operating Power
RF121-5/RF121R-5: 410mW typical @ nominal rated voltage
RF121-12/RF121R-12: 290mW typical @ nominal rated voltage
Switching Time
7.0 ms max. (2ms Operate time, 5ms contact bounce time)
Minimum Operate Pulse
6.0 ms width at rated voltage
Insulation Resistance
1,000MΩ min. between mutually isolated terminals
Dielectric Strength
350 V
rms (60Hz) @ Atmospheric Pressure
Propagation Delay
54-60 ps (typical)
DETAILED ELECTRICAL SPECIFICATIONS (-55 °C to 85 °C unless otherwise noted.) (Note 3)
BASE PART NUMBERS
RF121-5/RF121R-5
RF121-12/RF121R-12
Coil Voltage, Nominal (Vdc)
5.0
12.0
Coil Resistance (Ohms ±20%, 25°C)
61
500
Pick-up Voltage, Max (Vdc)
4.3
10.4
NOTES
1. Relay contacts will exhibit no chatter in excess of 10 µs or transfer in excess of 1 µs.
2. Characteristics shown as “typical” are based on available data and are best estimates. No ongoing verification tests are performed.
3. Unless otherwise specified, parameters are initial values.
4. Parts ordered with no suffix option will be provided with Gold-Plated leads which have a typical plating thickness of 25-40 µin.
5. The slash and characters appearing after the slash are not marked on the relay.
6. Using an operate voltage less than the specified minimum may result in unreliable operation.
7. Relay temperature during soldering shall not exceed 250°C, and reflow temperature shall not exceed 250°C, 3 passes, 1 minute each.
RF121
-
12
/
Q
Relay Series
RF121
RF121R
Part Numbering System (Notes 4 & 5)
Coil Voltage
5 = 5Vdc
12 = 12Vdc
Lead Finish
Q = Solder-Dipped Leads (Sn60/Pb40)
R = RoHS Compliant Solder (Sn99.3/Cu0.7)
No Suffix = Gold-plated Leads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com