Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF121-5/R Datasheet (PDF) - Teledyne Technologies Incorporated

RF121-5/R Datasheet PDF - Teledyne Technologies Incorporated
Part # RF121-5/R
Download  RF121-5/R Download
File Size   892.95 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps MAGNETIC-LATCHING RF RELAY

RF121-5/R Datasheet (PDF)

Go To PDF Page Download Datasheet
RF121-5/R Datasheet PDF - Teledyne Technologies Incorporated

Part # RF121-5/R
Download  RF121-5/R Click to download

File Size   892.95 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps MAGNETIC-LATCHING RF RELAY

RF121-5/R Datasheet (HTML) - Teledyne Technologies Incorporated


RF121-5/R Product details

DESCRIPTION
The ultraminiature Series RF121/RF121R is built on
Teledyne Relays’ heritage of miniature RF relays, and
is designed to provide a compact electromechanical
switching solution with broadband RF performance
from DC to 12GHz in a leaded, hand solderable
package. The RF121/RF121R relay incorporates a
precision 50Ω transmission line in the contact system
which provides for optimum RF transmission characteristics.
The RF121/RF121R is designed for use in switchable
RF attenuators, RF switch matrices, high frequency
spread spectrum radios, ATE, and other applications
that require dependable high frequency signal fidelity
and performance.
The magnetic-latching RF121/RF121R is suitable for
applications where power budget is restricted. The
relays can be operated with a short duration pulse.
After the contacts have transferred, no external holding
power is required.

The RF121/RF121R features:
• High Repeatability
• Wide Bandwidth Performance
• Higher Isolation Between Each Signal Path
• Metal Enclosure for EMI Shielding
• High Isolation Between Control and Signal Paths
• High Resistance to ESD
The unique construction features and manufacturing
techniques provide excellent robustness for
environmental extremes and overall reliability:
• Minimum mass components and welded
construction provide maximum resistance to shock
and vibration
• Advanced cleaning techniques provide maximum
assurance of internal cleanliness
• Gold-plated precious metal alloy contacts ensure
reliable switching
• Hermetic Seal
• RoHS Compliant




Similar Part No. - RF121-5/R

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1210 RFM-RF1210 Datasheet
241Kb / 2P
303.825 MHz SAW Filter
RF1210B RFM-RF1210B Datasheet
284Kb / 2P
303.825 MHz SAW Filter
RF1210D RFM-RF1210D Datasheet
65Kb / 2P
303.825 MHz SAW Filter
RF1211 RFM-RF1211 Datasheet
167Kb / 2P
315.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1211 MURATA-RF1211 Datasheet
210Kb / 2P
315.0 MHz SAW Filter
More results


Similar Description - RF121-5/R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRF180 ETC-GRF180 Datasheet
416Kb / 3P
SURFACE MOUNT, MAGNETIC-LATCHING BROADBAND RF RELAYS DPDT
logo
Teledyne Technologies I...
RF100-5 TELEDYNE-RF100-5 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
RF180-5 TELEDYNE-RF180-5 Datasheet
235Kb / 6P
MAGNETIC-LATCHING, BROADBAND RF RELAYS DPDT
logo
Sanyou Corporation Limi...
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
Magnetic Latching Relay
logo
Teledyne Technologies I...
GRF121A TELEDYNE-GRF121A Datasheet
903Kb / 6P
SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ 40GBPS MAGNETIC-LATCHING RF RELAY
06/2021
GRF131 TELEDYNE-GRF131 Datasheet
1Mb / 6P
SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ,40GBPS NON-LATCHING RF RELAY
11/2021
RF131 TELEDYNE-RF131 Datasheet
908Kb / 6P
HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps NON-LATCHING RF RELAY
11/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com