Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFSTAB Datasheet(PDF) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MFSTAB
Description  Embedded Advance AEBAS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MFSTAB Datasheet(HTML) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MFSTAB Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFSTAB Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFSTAB Datasheet HTML 3Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
z
MFSTAB II is a STQC certified fingerprint tablet exclusively designed for Aadhar enabled
Biometrics Attendance System (AEBAS) for government employees. MFSTAB II offers
flawless operation for AEBAS and can be utilized as a wall-mounted device.
This solely AEBAS machine does not support any third party software, nor does it come with
a SDK. The AEBAS functionality of MFSTAB II rules out the possibility of any customization in
the OS as well. The device offers multiple connectivity options such as SIM support, Wi-Fi
and Ethernet connectivity for smooth and uninterrupted operations.
www.mantratec.com
MANTRA
At a Glance
Embedded Advance AEBAS Terminal
MFSTAB II
Parameters
Specification
M0035MT21L110100
M0035MT11X110100
Hardware
& System
Processor
: ARM Cortex A7 @1.3GHz Quad Core Processor
Memory
: 8GB Flash + 1GB RAM
Display
: 7" TFT LCD with 1024x600 Resolution
Operating System
: GMS Certified Android OS
Camera
: 5MP Auto Focus Front Camera with Flash LED
LED Indicators
: Power On/Off, Battery Charging Status
Smart Card Reader
Parameters
Specification
M0035MT11X110100
M0035MT21L110100
Contactless Card
: ISO14443 Type A/B Cards, Mifare
Fingerprint Sensor
Parameters
Specification
Fingerprint Sensor
: Scratch Free Optical Sensor
Sensing Area
: ( 16 x 18 mm )
Image Resolution
: 500DPI, 8 Bit Grayscale
Certifications
: CE, FCC, RoHS, STQC, PIV, IEC60950, IS13252 Part I
FAP
: FAP10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com