Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFSTAB Datasheet(PDF) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MFSTAB
Description  Embedded Advance AEBAS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MFSTAB Datasheet(HTML) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MFSTAB Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFSTAB Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFSTAB Datasheet HTML 3Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.mantratec.com
MANTRA
Embedded Advance AEBAS Terminal
MFSTAB II
Model
Ordering Code
Mifare 1K
External USB 2.0 Slave
Software Modality
MFSTAB II
M0035MT11X110100
No
No
AEBAS
MFSTAB II
M0035MT21L110100
Yes
Yes
AEBAS
Feature Based On Ordering Code
Electrical
Parameters
Specification
Power Adaptor
: Input AC: 100~240V, 50Hz ; Output DC: 12V/1.5A
Battery
: Li-Po 4000 mAH Rechargeable
& Replaceable Battery (up to 10000 mAH)
Interfaces
Parameters
Specification
M0035MT21L110100
M0035MT11X110100
Connectivity
: 3G/4G, Wi-Fi, Ethernet
SD Card
: MicroSD Card (Supports up to 32GB)
Bluetooth
: BLE 4.0
GPS
: 16 Channel NMEA Compliant, AGPS Supported
SIM Socket
: 1 x SIM Socket
USB
: USB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com