Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2807AW Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC2807AW
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807AW Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC2807AW Datasheet HTML 1Page - Renesas Technology Corp UPC2807AW Datasheet HTML 2Page - Renesas Technology Corp UPC2807AW Datasheet HTML 3Page - Renesas Technology Corp UPC2807AW Datasheet HTML 4Page - Renesas Technology Corp UPC2807AW Datasheet HTML 5Page - Renesas Technology Corp UPC2807AW Datasheet HTML 6Page - Renesas Technology Corp UPC2807AW Datasheet HTML 7Page - Renesas Technology Corp UPC2807AW Datasheet HTML 8Page - Renesas Technology Corp UPC2807AW Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998, 2000
BiCMOS INTEGRATED CIRCUIT
µµµµ PC2807,2807A
PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
DATA SHEET
Document No. S13198EJ2V0DS00 (2nd edition)
Date Published December 2000 NS CP (K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µ PC2807 and 2807A are semiconductors integrated circuit developed as preamplifiers for the receiver module of
infrared remote controllers. These preamplifiers can be directly connected to a PIN photodiode, and integrate a high-gain
first stage amplifier, limiter, bandpass filter, detector circuit, and waveform-shaping circuit on a single chip.
FEATURES
• Only PIN photodiode required as an external component.
• Following carrier frequencies (fO) selectable (six types):
µPC2807
: fO
= 32.7, 36.0, 36.7, 37.9, 56.7 kHz
µ PC2807A : fO = 40.0 kHz
• Fixed trap frequency
fT
= 54 kHz (when carrier frequency is 56.7 kHz, trap frequency is 76 kHz)
• Active-low output
• Supplied in form of wafer
APPLICATION
• Receiver module of infrared remote controller
ORDERING INFORMATION
Part Number
Condition in shipment
µ PC2807W
Wafer
µ PC2807AW
Wafer
Contact an NEC sales representative in advance since a memorandum on product quality need to be prepared for
shipment in the form of wafer.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com