Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2807AW Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC2807AW
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807AW Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC2807AW Datasheet HTML 2Page - Renesas Technology Corp UPC2807AW Datasheet HTML 3Page - Renesas Technology Corp UPC2807AW Datasheet HTML 4Page - Renesas Technology Corp UPC2807AW Datasheet HTML 5Page - Renesas Technology Corp UPC2807AW Datasheet HTML 6Page - Renesas Technology Corp UPC2807AW Datasheet HTML 7Page - Renesas Technology Corp UPC2807AW Datasheet HTML 8Page - Renesas Technology Corp UPC2807AW Datasheet HTML 9Page - Renesas Technology Corp UPC2807AW Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet S13198EJ2V0DS
4
µµµµ PC2807, 2807A
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA
==== ++++25 ±±±±3°°°°C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
6.0
V
Output sink current
IOSINK
2.5
mA
Input voltage
VIN
0 to VCC
V
Storage temperature
Tstg
−40 to + 125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions (TA
==== 25 ±±±±3°°°°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Operating ambient temperature
TA
−25
+25
+80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com