Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2933AT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933AT Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC2933AT Datasheet HTML 1Page - Renesas Technology Corp UPC2933AT Datasheet HTML 2Page - Renesas Technology Corp UPC2933AT Datasheet HTML 3Page - Renesas Technology Corp UPC2933AT Datasheet HTML 4Page - Renesas Technology Corp UPC2933AT Datasheet HTML 5Page - Renesas Technology Corp UPC2933AT Datasheet HTML 6Page - Renesas Technology Corp UPC2933AT Datasheet HTML 7Page - Renesas Technology Corp UPC2933AT Datasheet HTML 8Page - Renesas Technology Corp UPC2933AT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R03DS0029EJ0400 Rev.4.00
Page 1 of 12
Mar 16, 2011
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary Data Sheet
μPC2933A, 2905A
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Description
The
μPC2933A, 2905A of low dropout voltage three terminal positive regulators is constructed with PNP output
transistor. The
μPC2933A, 2905A feature the ability to source 1 A of output current with a low dropout voltage of typically
0.7 V.
The power dissipation of the
μPC2933A, 2905A can be drastically reduced compared with the conventional three
terminal positive voltage regulators that is constructed with NPN output transistor. Also, this series corresponds to the
low voltage output (3.3 V) which is not in the conventional low dropout regulators (
μPC24xxA series).
Features
• Output current in excess of 1.0 A
• Low dropout voltage
VDIF = 0.7 V TYP. (IO = 1 A)
• On-chip over-current and thermal protection circuit
• On-chip output transistor safe operating area protection circuit
Pin Configurations (Marking Side)
μPC2933AHF,
μPC2933AHB,
μPC2905AHF: Isolated TO-220 (MP-45G)
μPC2905AHB: SC-64 (MP-3)
μPC2933AT,
μPC2905AT: SC-63 (MP-3Z)
Notes 1. No.2 pin and No.4 fin are common GND.
2. No.2 pin is cut. No.2 pin and No.4 fin are common GND.
R03DS0029EJ0400
Rev.4.00
Mar 16, 2011
3
2
1
1: INPUT
2: GND
3: OUTPUT
4
3
2
1
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
Note1
4
3
2
1
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
Note2


Similar Part No. - UPC2933AT

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2933AT NEC-UPC2933AT Datasheet
104Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2933AT-E1 NEC-UPC2933AT-E1 Datasheet
104Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2933AT-E2 NEC-UPC2933AT-E2 Datasheet
104Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2933AT-T1 NEC-UPC2933AT-T1 Datasheet
104Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2933AT-T2 NEC-UPC2933AT-T2 Datasheet
104Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UPC2933AT

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com