Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2933AT Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933AT Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPC2933AT Datasheet HTML 6Page - Renesas Technology Corp UPC2933AT Datasheet HTML 7Page - Renesas Technology Corp UPC2933AT Datasheet HTML 8Page - Renesas Technology Corp UPC2933AT Datasheet HTML 9Page - Renesas Technology Corp UPC2933AT Datasheet HTML 10Page - Renesas Technology Corp UPC2933AT Datasheet HTML 11Page - Renesas Technology Corp UPC2933AT Datasheet HTML 12Page - Renesas Technology Corp UPC2933AT Datasheet HTML 13Page - Renesas Technology Corp UPC2933AT Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
μPC2933A,2905A
Chapter Title
R03DS0029EJ0400 Rev.4.00
Page 12 of 12
Mar 16, 2011
Notes On Use
When the
μPC2933A, 2905A are used with an input voltage that is lower than the value indicated in the recommended
operating conditions, a high quiescent current flows through the device due to saturation of the transistor of the output
stage. (Refer to the “IBIAS (IBIAS(S)
) vs. VIN curves in Typical Characteristics”).
These products have saturation protector, but a current of up to 80 mA MAX. may flow through the device. Thus the
power supply on the input side must have sufficient capacity to allow this quiescent current to pass when the device
starts up.
Reference Documents
USER’S MANUAL USAGE OF THREE TERMINAL REGULATORS
Document No.G12702E
Note
REVIEW OF QUALITY AND RELIABILITY HANDBOOK
Document No.C12769E
Note
INFORMATION VOLTAGE REGULATOR OF SMD
Document No.G11872E
Note
SEMICONDUCTOR DEVICE PACKAGE MANUAL
http://www.renesas.com/prod/package/index.html
Note Published by the former NEC Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com