Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432-CSF Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TL432-CSF
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432-CSF Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TL432-CSF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432/ A / C
Fig. 1 Test Circuit for V KA=VREF
Fig. 2 Test Circuit for V KA≥VREF
Fig. 3 Test Circuit for IKA(off)
Jan, 2004 - Rev 01
HTC
24
INPUT
VKA
IKA
VREF
DUT
IKA(OFF)
DUT
VKA
INPUT
1 uF
INPUT
VKA
IKA
VREF
DUT
IREF
VKA=VREF(1+R1/R2)+IREF R1
R1
R2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com