Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432-CSF Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TL432-CSF
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432-CSF Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TL432-CSF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432/ A / C
ORDERING INFORMATION
FUNCTION BLOCK DIAGRAM
Jan, 2004 - Rev 01
HTC
21
Package
TL432-ASF
Device
Marking
TO-92
SOT-23
432
TL432-A
TL432-A
TL432-C
TL432-C
TL432-CSF
REFERENCE
CATHODE
ANODE
REFERENCE(R)
ANODE(A)
CATHODE(K)
PROGRAMMABLE PRECISION REFERENCES
The TL432A is a three-terminal Shunt Voltage Reference
providing a highly accurace 1.24 V, 1.25V bandgap reference
with 1.0 % tolerance.
The TL432A thermal stability and wide operating current
(100mA), makes is suitable for all variety of applications that
are looking for a low cost solution with high performance.
The TL432A is an ideal voltage reference in an isolated feed
circuit for 3.0V to 3.3V switching mode power supplies.
FEATURES
●
Low Voltage Operation : 1.24 V
●
Programmable Out Voltage to 15V
●
Sink Current Capability of 1 mA to 100 mA
●
Equivalent Full-Range Temperature Coefficient of 50
ppm/℃
●
Temperature Compensated for Operation over Full Rated
Operating Temperature Range
●
Trimmed Bandgap to 5%
●
ESD Protection : 2kV
APPLICATION
●
Shunt Regulator
●
Voltage Monitoring
●
Current Source and Sink Circuits
●
Anolog and Digital Circuits Requiring Precision References
●
Low Out Voltage (3.0V to 3.3V) Switching Power Supply
Error Amplifier
1.24VREF
+
-
TO-92 (Top View)
1.Reference
2.Anode
3.Cathode
1.Reference 3.Cathode
SOT-23 (Front View)
2.Anode


Similar Part No. - TL432-CSF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432-CZ HTC-TL432-CZ Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432-CZSF HTC-TL432-CZSF Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results

Similar Description - TL432-CSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com