Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-FAM Datasheet(PDF) 4 Page - T-Global Technology

Part # TG-FAM
Description  Flexible Absorbing Material
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG-FAM Datasheet(HTML) 4 Page - T-Global Technology

  TG-FAM Datasheet HTML 1Page - T-Global Technology TG-FAM Datasheet HTML 2Page - T-Global Technology TG-FAM Datasheet HTML 3Page - T-Global Technology TG-FAM Datasheet HTML 4Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
More Innovation, Less Heat.
Version19
20230721
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
T-Global Technology (Europe & North America) Ltd.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
Insertion Loss
-7
-6
-5
-4
-3
-2
-1
-
-
500
1,000
1,500
2,000
2,500
3,000
Frequency (MHz)
FAM1
0.12mm
0.20mm
0.25mm
0.33mm
0.50mm
-18
-16
-14
-12
-10
-8
-6
-4
-2
-
-
500
1,000
1,500
2,000
2,500
3,000
Frequency (MHz)
FAM1
2.5mm
2.0mm
1.5mm
1.0mm
0.6mm
-10
-8
-6
-4
-2
-
-
500
1,000
1,500
2,000
2,500
3,000
Frequency (MHz)
FAM3
0.25mm
0.75mm
0.50mm
-60
-50
-40
-30
-20
-10
-
-
500
1,000
1,500
2,000
2,500
3,000
Frequency (MHz)
FAM6
0.05mm
0.1mm
0.2mm
0.3mm
0.5mm
-1.5
-1.2
-0.9
-0.6
-0.3
-
-
500
1,000
1,500
2,000
2,500
3,000
Frequency (MHz)
FAM7
0.08mm
0.12mm
0.22mm
Network
Analyzer
FAM
Coaxial
Waveguide



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com