Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-FAM Datasheet(PDF) 1 Page - T-Global Technology

Part # TG-FAM
Description  Flexible Absorbing Material
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG-FAM Datasheet(HTML) 1 Page - T-Global Technology

  TG-FAM Datasheet HTML 1Page - T-Global Technology TG-FAM Datasheet HTML 2Page - T-Global Technology TG-FAM Datasheet HTML 3Page - T-Global Technology TG-FAM Datasheet HTML 4Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
More Innovation, Less Heat.
Version19
20230721
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
T-Global Technology (Europe & North America) Ltd.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
Features
Applicaion:
2
Electronic components - 5G, Aerospace, AI, AIoT, AR/VR/MR/XR, Automotive,
Consumer Devices, Datacom, Electric Vehicle, Electronic Products, Energy Storage,
Industrial, Lighting Equipment, Medical, Military, Netcom, Panel, Power Electronics,
Robot, Servers, Smart Home, Telecom, etc.
In addition to EMI-suppressions, FAM can handle the issue when RFID tags attached
to metal (by recovering up to 80% of the reading distance from RFID reader). It is
suitable for LF(125KHz) and HF(13.56MHz) bands. This helps to save the space from
RFID antenna to metal. By this way can save the space from RFID to metal.
•EffectiveEMIsuppressioninawidefrequencyrange
•Ultrathin,extremelyflexibleandeasytouse
•CompatiblewithULcertifieddoubled-sided
insulating tapes
•Antiresonanceandde-coupling
•Highsurfaceimpedance
•Easytobecutintoanyshape
RoHS Compliant
Properties
Physical Properties
Unit
TG-FAM1
TG-FAM3
TG-FAM6
TG-FAM7
Frequency
GHz
0.001~18.0
0.001~9.0
0.001~3.0
Thickness
mm
0.12~2.50
0.25/0.50/0.75
0.05/0.1/0.2/0.3/0.5
0.08/0.12/0.22
Maximum Size
mm
400
×400
210
×297(A4Size)
130
×130
Material
-
Magnetic Particles + Rubber
Sintering Iron-Core
Magnetic Inductivity (
μ'@1MHz)
-
25
50
170
140
Halogen
-
Halogen Contained
Halogen Free
Operating Temperature
°C
-40~+85
-40~+155
-30~+120
Density
g/cm³
3.6
4.8
4.4
3.8
Surface Resistance
Ohm
106
106
105
109
Structure
-
Adhesive Tape Options (No/Sigle-Side/Dual-Side)
Optional Dual-Side
Adhesive Tapes
FAM
2-Sided Adhesive Tape
Release Paper
FAM
PET Tape
2-Sided Adhesive Tape
Release Paper
Flexible Absorbing Material
TG-FAM


Similar Part No. - TG-FAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG-F ETC-TG-F Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
More results

Similar Description - TG-FAM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7346 PHILIPS-SAA7346 Datasheet
113Kb / 24P
Shock absorbing RAM addresser
July 1994
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
Vibration and shock absorbing Dampers
RB0805 ETC2-RB0805 Datasheet
633Kb / 14P
Absorbing impact and noise
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
Excellent capability of absorbing transient surge
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
Excellent capability of absorbing transient surge
P4000SC LEIDITECH-P4000SC Datasheet
281Kb / 3P
Excellent xapability of absorbing transient surge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com