Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM33DOAB18A Datasheet(PDF) 4 Page - Protek Devices

Part # PAM33DOAB18A
Description  5000 Watt TVS Component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM33DOAB18A Datasheet(HTML) 4 Page - Protek Devices

  PAM33DOAB18A Datasheet HTML 1Page - Protek Devices PAM33DOAB18A Datasheet HTML 2Page - Protek Devices PAM33DOAB18A Datasheet HTML 3Page - Protek Devices PAM33DOAB18A Datasheet HTML 4Page - Protek Devices PAM33DOAB18A Datasheet HTML 5Page - Protek Devices PAM33DOAB18A Datasheet HTML 6Page - Protek Devices PAM33DOAB18A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Only One Name Means ProTek’Tion™
05551.R13 9/22
page 4
PAM33DOABxxA/CA Series
ISO 9001 CERTIFIED COMPANY
typical device characteristics
FIgURe 6
STEADY STATE POWER DERATING CuRVE
0
25
50
75
100
125
150
175
T
l - Lead Temperature - °c
0
2.0
4.0
6.0
8.0
10.0
T
J = 25°C
f = 1MHz
V
SIA = 50mVp-p
Bidirectional @ V
R
Unidirectional V-0V
Bidirectional V-0V
Unidirectional @ V
R
FIgURe 4
TYPICAl juNCTION CAPACITANCE
1
10
100
1,000
V
bR - Reverse breakdown Voltage - V
100
1,000
10,000
100,000
FIgURe 5
MaxIMUM NON-RepeTITIVe FORwaRD SURge cURReNT
1
10
100
Number of cycles at 60 Hz
100
150
200
250
300
RTca DO-160g cOMpLIaNT pRODUcT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com