Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM33DOAB18A Datasheet(PDF) 1 Page - Protek Devices

Part # PAM33DOAB18A
Description  5000 Watt TVS Component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM33DOAB18A Datasheet(HTML) 1 Page - Protek Devices

  PAM33DOAB18A Datasheet HTML 1Page - Protek Devices PAM33DOAB18A Datasheet HTML 2Page - Protek Devices PAM33DOAB18A Datasheet HTML 3Page - Protek Devices PAM33DOAB18A Datasheet HTML 4Page - Protek Devices PAM33DOAB18A Datasheet HTML 5Page - Protek Devices PAM33DOAB18A Datasheet HTML 6Page - Protek Devices PAM33DOAB18A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05551.R13 9/22
Page 1
PAM33DOABxxA/CA Series
5000 WAtt tVS COMPOnent
ISO 9001 CERTIFIED COMPANY
APPlICATIONS
• Automotive
FEATuRES
• AEC-Q101 Qualified
• UL Registered
• IEC Compatibility 61000-4-2 (ESD)
• IEC Compatibility 61000-4-4 (EFT)
• IEC Compatibility 61000-4-5 (Surge)
• Glass Passivated Chip
• 5000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• 28,000 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Low Leakage Current
• Unidirectional & Bidirectional Configurations
• Excellent Clamping Capability
• Very Fast Response Time
• RoHS Compliant
• REACH Compliant
MEChANICAl ChARACTERISTICS
• Molded JEDEC DO-214AB Package
• Approximate Weight: 0.248 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Terminal: Solderable per MIL-STD-750, Method 2026
• Flammability Rating UL 94V-0
PIN CONFIGuRATIONS
DO-214ab package
1
2
1
2
RTca DO-160g cOMpLIaNT pRODUcT


Similar Part No. - PAM33DOAB18A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PAM33DOAB18A ZSELEC-PAM33DOAB18A Datasheet
61Kb / 3P
12 to 33Volts 5000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - PAM33DOAB18A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
3000 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
1500 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
3000 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
400 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com