Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT08 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ABT08
Description  Quad 2-input AND gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ABT08 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ABT08 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ABT08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74ABT08
Quad 2-input AND gate
Rev. 4 — 7 October 2020
Product data sheet
1. General description
The 74ABT08 is a quad 2-input AND gate. This device is fully specified for partial power down
applications using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2. Features and benefits
• Supply voltage range from 4.5 V to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78B class II level A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74ABT08D
-40 °C to +85 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74ABT08PW
-40 °C to +85 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1


Similar Part No. - 74ABT08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT08 PHILIPS-74ABT08 Datasheet
93Kb / 10P
Quad 2-input AND gate
1995 Sep 18
74ABT08D PHILIPS-74ABT08D Datasheet
93Kb / 10P
Quad 2-input AND gate
1995 Sep 18
74ABT08DB PHILIPS-74ABT08DB Datasheet
93Kb / 10P
Quad 2-input AND gate
1995 Sep 18
74ABT08N PHILIPS-74ABT08N Datasheet
93Kb / 10P
Quad 2-input AND gate
1995 Sep 18
74ABT08PW PHILIPS-74ABT08PW Datasheet
93Kb / 10P
Quad 2-input AND gate
1995 Sep 18
More results

Similar Description - 74ABT08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com