Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4559C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC4559C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4559C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC4559C Datasheet HTML 2Page - Renesas Technology Corp UPC4559C Datasheet HTML 3Page - Renesas Technology Corp UPC4559C Datasheet HTML 4Page - Renesas Technology Corp UPC4559C Datasheet HTML 5Page - Renesas Technology Corp UPC4559C Datasheet HTML 6Page - Renesas Technology Corp UPC4559C Datasheet HTML 7Page - Renesas Technology Corp UPC4559C Datasheet HTML 8Page - Renesas Technology Corp UPC4559C Datasheet HTML 9Page - Renesas Technology Corp UPC4559C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet G12984EJ6V0DS
4
µPC4559
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C, TYP.)
20
1
10
100
1 k
10 k 100 k 1 M 10 M
600
500
400
300
200
100
120
100
80
60
40
20
0
40
60
80
100
100
1 k
10 k
100 k
1 M
100
1 k
10k
32
28
24
20
16
12
8
4
0
30
25
20
15
10
5
100
80
60
40
20
0
200˚C/W
POWER DISSIPATION
TA - Operating Ambient Temperature - ˚C
0
OPEN LOOP FREQUENCY RESPONSE
f- Frequency - Hz
LARGE SIGNAL FREQUENCY RESPONSE
f - Frequency - Hz
= 15 V
V
+
_
_+
OUTOUT VOLTAGE SWING
RL - Load Resistance -
Ω
= 15 V
V
+
_
_+
INPUT BIAS CURRENT
TA - Operating Ambient Temperature - ˚C
0
4
3
2
1
SUPPLY CURRENT
20
_
+
10
_
+
020
40
60
80
−20
= 15 V
V
+
_
_+
= 15 V
V
+
_
_+
V - Supply Voltage - V
_
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com