Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4559C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC4559C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4559C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC4559C Datasheet HTML 2Page - Renesas Technology Corp UPC4559C Datasheet HTML 3Page - Renesas Technology Corp UPC4559C Datasheet HTML 4Page - Renesas Technology Corp UPC4559C Datasheet HTML 5Page - Renesas Technology Corp UPC4559C Datasheet HTML 6Page - Renesas Technology Corp UPC4559C Datasheet HTML 7Page - Renesas Technology Corp UPC4559C Datasheet HTML 8Page - Renesas Technology Corp UPC4559C Datasheet HTML 9Page - Renesas Technology Corp UPC4559C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet G12984EJ6V0DS
7
µPC4559
RECOMMENDED SOLDERING CONDITIONS
The
µPC4559 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Through-hole Device
µPC4559C: 8-pin plastic DIP (7.62 mm (300))
Process
Conditions
Wave Soldering
(only to leads)
Solder temperature: 260°C or below,
Flow time: 10 seconds or less.
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (per each lead).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com