Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4572 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4572
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4572 Datasheet HTML 1Page - Renesas Technology Corp UPC4572 Datasheet HTML 2Page - Renesas Technology Corp UPC4572 Datasheet HTML 3Page - Renesas Technology Corp UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
μ PC4572
LOW SUPPLY VOLTAGE, ULTRA LOW-NOISE, HIGH SPEED, WIDE BAND,
LOW IB DUAL OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G15972EJ6V0DS00 (6th edition)
Date Published December 2007 NS
Printed in Japan
1986
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μ PC4572 is a dual wide band, ultra low noise operational amplifier designed for low supply voltage operation of +4 V
to
+14 V single supply and ±2 V to ±7 V split supplies. Using high hFE PNP transistors for the input circuit, Input bias current
and input equivalent noise are better than conventional wide band operational amplifier.
The
μ PC4572 is an excellent choice for preamplifiers and active filters in audio, instrumentation, and communication
circuit.
FEATURES
• Ultra low noise: en = 4.0 nV/ Hz
• Low input bias current: 100 nA
• High slew rate: 6 V/
μs
• Low supply voltage: ±2 V to ±7 V (Split)
+4 V to +14 V (Single)
• Internal frequency compensation
ORDERING INFORMATION
Part Number
Package
μ PC4572C
μ PC4572C(5)
8-pin plastic DIP (7.62 mm (300) )
8-pin plastic DIP (7.62 mm (300) )
μ PC4572G2
μ PC4572G2(5)
8-pin plastic SOP (5.72 mm (225) )
8-pin plastic SOP (5.72 mm (225) )
EQUIVALENT CIRCUIT (1/2 Circuit)
V+
II
IN
Q3
R2
Q1
Q5
R1
Q2
Q4
R3
R4
C1
C2
Q6
R6
Q8
Q7
Q15
Q9
Q11
Q12
Q10
Q14
Q16
Q17
R7
R8
R10
R11
OUT
−
V
Q13
R5
R9
PIN CONFIGURATION (Top View)
OUT1
I1
I
N1
I
−
V
1
2
3
4
8
7
6
5
V
OUT2
I
I
+
I2
N2
1
+
2
−
−
+
μPC4572C, 4572C(5), 4572G2, 4572G2(5)
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com