Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4572 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC4572
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC4572 Datasheet HTML 3Page - Renesas Technology Corp UPC4572 Datasheet HTML 4Page - Renesas Technology Corp UPC4572 Datasheet HTML 5Page - Renesas Technology Corp UPC4572 Datasheet HTML 6Page - Renesas Technology Corp UPC4572 Datasheet HTML 7Page - Renesas Technology Corp UPC4572 Datasheet HTML 8Page - Renesas Technology Corp UPC4572 Datasheet HTML 9Page - Renesas Technology Corp UPC4572 Datasheet HTML 10Page - Renesas Technology Corp UPC4572 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet G15972EJ6V0DS
5
μPC4572
MEASUREMENT CIRCUITS
VO = 1 Vr.m.s.
−
+
2 k
Ω
Fig. 1 Total Harmonic Distortion Measurement Circuit
330 k
Ω
30 k
Ω
2.2 k
Ω
56 k
Ω
610
Ω
VO = (36.5 dB + 40 dB)
× Vn
+
+
+
+
−
100 k
Ω
8200 pF
2400 pF
VO
76.5 dB
Vn =
LPF
(fO = 30 kHz)
33
F
47
F
1.5
F
40 dB Amp.
μ
μ
μ
Fig. 2 Noise Measurement Circuit (RIAA)
10 k
Ω
100
Ω
VO = 40 dB
× Vn
+
−
JIS A
RS = 100
Ω
VO
40 dB
Vn =
Fig. 3 Flat Noize Measurement Circuit (FLAT + JIS A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com