Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4574C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC4574C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4574C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC4574C Datasheet HTML 5Page - Renesas Technology Corp UPC4574C Datasheet HTML 6Page - Renesas Technology Corp UPC4574C Datasheet HTML 7Page - Renesas Technology Corp UPC4574C Datasheet HTML 8Page - Renesas Technology Corp UPC4574C Datasheet HTML 9Page - Renesas Technology Corp UPC4574C Datasheet HTML 10Page - Renesas Technology Corp UPC4574C Datasheet HTML 11Page - Renesas Technology Corp UPC4574C Datasheet HTML 12Page - Renesas Technology Corp UPC4574C Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet G15977EJ4V0DS
7
µPC4574
COMMON MODE INPUT VOLTAGE RANGE
20
10
0
−10
−20
0
±10
±20
V - Supply Voltage - V
±
VOLTAGE FOLLOWER PULSE RESPONSE
10
5
0
−5
−10
0
2468
t - Time - s
µ
V=
±15 V
±
AV = 1
RL = 2 k
Ω
INPUT NOISE VOLTAGE (FLAT
+ JIS A)
100
10
1
0.1
10
100
1 k
10 k
100 k
RS - Source Resistance -
Ω
V=
±15 V
±
f - Frequency - Hz
INPUT EQUIVALENT NOISE VOLTAGE DENSITY
2
0
4
6
8
100
1 k
10 k
100 k
10
V=
±15 V
±
RS = 100 V
TOTAL HARMONIC DISTORTION
1
0.001
0.01
0.1
0.0001
10
100
1 k
10 k
100 k
f - Frequency - Hz
V=
±15 V
±
VO = 3 Vr.m.s.
AV = 1
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com