Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4744G2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC4744G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4744G2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC4744G2 Datasheet HTML 1Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 2Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 3Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 4Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 5Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 6Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 7Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 8Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC4744
2
Data Sheet G13959EJ2V0DS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Voltage between V+ and V– Note 1
V+ –V–
–0.3 to +36
V
Differential Input Voltage
VID
±36
V
Input VoltageNote 2
VI
V– –0.3 to V– +36
V
Output VoltageNote 3
VO
V– –0.3 to V+ +0.3
V
Power Dissipation
C PackageNote 4
PT
570
mW
G2 PackageNote 5
550
mW
Output Short Circuit DurationNote 6
Indefinite
sec
Operating Ambient Temperature
TA
–20 to +80
°C
Storage Temperature
Tstg
–55 to + 125
°C
Notes 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction independent of the
magnitude of V+. Either input signal should not be allowed to go negative by more than 0.3 V. The normal
operation will establish when the both inputs are within the Common Mode Input Voltage Range of
electrical characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external
without damage or destructive. Even during the transition period of supply voltage, power on/off etc.,
this specification should be kept. The output voltage of normal operation will be the Output Voltage Swing
of electrical characteristics.
4. Thermal derating factor is –7.6 mW/
°C when operating ambient temperature is higher than 50 °C.
5. Thermal derating factor is –5.5 mW/
°C when operating ambient temperature is higher than 25 °C.
6. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note
4 and Note 5.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (Split)
V
±
±1.5
±16
V
Supply Voltage (V– = GND)
V+
+3
+32
V
Output Current
IO
±10
mA
Capacitive Load (AV = +1, Rf = 0
Ω)CL
1000
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com