Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4744G2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC4744G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4744G2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC4744G2 Datasheet HTML 4Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 5Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 6Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 7Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 8Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 9Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 10Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 11Page - Renesas Technology Corp UPC4744G2 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
µPC4744
6
Data Sheet G13959EJ2V0DS
PACKAGE DRAWINGS
R
14
8
17
F
C
B
D
N
M
I
H
G
M
A
J
P14C-100-300B2-2
ITEM
MILLIMETERS
A
D
F
G
H
I
J
20.32 MAX.
0.50
±0.10
0.51 MIN.
4.31 MAX.
5.08 MAX.
1.1 MIN.
3.5
±0.3
M
0.25
B
2.54 MAX.
C
2.54 (T.P.)
K
7.62 (T.P.)
L
6.5
N
0.25
R0
∼15°
+0.10
−0.05
NOTES
1. Each lead centerline is located within 0.25 mm of
its true position (T.P.) at maximum material condition.
2. Item "K" to center of leads when formed parallel.
14-PIN PLASTIC DIP (7.62mm(300))
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com