Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2500 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 20 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
This register contains the integer portion closest to the desired fractional-N (or the integer-N) value minus
32 for the main synthesizer. This register, in conjunction with the main dividend registers (which controls
the fraction offset from -0.5 to +0.5), permits selection of a precise frequency.
Values to be loaded are:
• Main Synthesizer Divider Index = 9-bit value for the integer portion of the main synthesizer dividers.
Valid values for this register are from 6 to 505 (fractional-N) or from 0 to 511 (integer-N).
Figure 5: Hex1 Main Dividend MSB Register (Write only)
Figure 6: Hex2 Main Dividend LSB Register (Write only)
These registers control the fraction part of the desired fractional-N value and permit an offset of - 0.5 to +
0.5 to the main integer selected through the Main Divider Register.
Values to be loaded are:
• Main Synthesizer Dividend (MSBs) = 10-bit value for the MSBs of the 18-bit dividend for the main
synthesizer.
• Main Synthesizer Dividend (LSBs) = 8-bit value for the LSBs of the 18-bit dividend for the main
synthesizer.
Note: When in 10-bit mode, the Main Synthesizer Dividend (LSBs) is not required.
For information on programming these registers, see “Synthesizer Register Programming” on page 6. For
information on loading order for these registers, see “Register Loading Order” on page 9.
Main Synthesizer Dividend (MSBs)
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
A0
A1
A2
0
0
1
X
X
Main Synthesizer Dividend (LSBs)
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
A0
A1
A2
0
1
0
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com