Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2500 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PS2500 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 5 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Lock Detection
When programmed for lock detection, the PS2500 provides on the LD/PS pin, an active low pulsing open
collector output to indicate the out-of-lock condition. When locked, the LD/PS pin is tri-stated (high
impedance).
Power Down
The PS2500 supports a number of power-down modes through its serial interface. For more information,
see “General Synthesizer Registers” on page 22.
Operation
This section describes the operation of the PS2500. The serial interface is described first, followed by
information on how to obtain values for the divide ratio registers.
Serial Interface
The serial interface of the PS2500 consists of three pins: Clock, Data and /CS. Data transfers are
controlled by the Clock signal which synchronizes and samples the information on the two serial data lines
(Data and /CS). The bits on the Data pin are shifted into a temporary register on the rising edge of Clock.
The /CS (chip select) line allows individual selection of slave devices on the same bus.
The following diagram functionally depicts how a serial transfer takes place.
Figure 2: Serial Transfer Timing Diagram
A serial transfer is initiated when a microcontroller or microprocessor forces the /CS line to a low state.
This is immediately followed by an address/data stream being presented to the Data pin that coincides with
the rising edges of the clock presented on the Clk line. Each rising edge of the Clk signal shifts in one bit of
data on the Data line into the shift-register. At the same time, one bit of data is being shifted out for the
Mux_out pin (if the serial bit stream is selected) at each falling edge of Clk. To load any of the synthesizer
registers, 16 bits of address/data have to be presented to the Data line with the data LSB last while /CS is
low. If /CS is low for more than 16 clock cycles, only the last address/data bits are used for loading the
synthesizer registers.
If the /CS line is brought to a high state before the thirteenth clock edge on Clk, the bit stream is assumed
to be modulation data samples. In this case, it is assumed that no address bits are present and that all the bits
in the stream should be loaded into the modulation data register
Clock
/CS
Data
A2
A1
A0
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXX
X
A3
Last



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com