Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 125Page - National Semiconductor (TI) CS5535 Datasheet HTML 126Page - National Semiconductor (TI) CS5535 Datasheet HTML 127Page - National Semiconductor (TI) CS5535 Datasheet HTML 128Page - National Semiconductor (TI) CS5535 Datasheet HTML 129Page - National Semiconductor (TI) CS5535 Datasheet HTML 130Page - National Semiconductor (TI) CS5535 Datasheet HTML 131Page - National Semiconductor (TI) CS5535 Datasheet HTML 132Page - National Semiconductor (TI) CS5535 Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 555 page
background image
Revision 0.8
129
www.national.com
UART/IR Controller Functional Description (Continued)
The transmission bytes are either de-serialized or run-
length encoded, and the resulting bit-string modulates a
carrier signal that is sent to the transmitter LED. The trans-
fer rate of this bit-string, like in UART mode, is determined
by the value programmed in the Baud Generator Divisor
Register. Unlike a UART transmission, START, STOP, and
PARITY bits are not included in the transmitted data
stream. A logic 1 in the bit-string keeps the LED off, so no
IR signal is transmitted. A logic 0 generates a sequence of
modulating pulses that turn on the transmitter LED. Fre-
quency and pulse width of the modulating pulses are pro-
grammed by the MCFR and MCPW fields in the IRTXMC
register, as well as the TXHSC bit of the RCCFG register.
The RC_MMD field of RCCFG selects the transmitter mod-
ulation mode. If the C_PLS mode is selected, modulating
pulses are generated continuously for the entire logic 0 bit
time. If 6_PLS or 8_PLS mode is selected, six or eight
pulses are generated each time a logic 0 bit is transmitted
following a logic 1 bit.
C_PLS modulation mode is used for RC-5, RC-6, NEC,
and RCA protocols. 8_PLS or 6_PLS modulation mode is
used for the RECS 80 protocol. The 8_PLS or 6_PLS
mode allows minimization of the number of bits needed to
represent the RECS 80 IR code sequence. The current
transmitter implementation supports only the modulated
modes of the RECS 80 protocol; it does not support the
Flash mode.
Note:
The total transmission time for the logic 0 bits must
be equal to or greater than six or eight times the
period of the modulation subcarrier, otherwise
fewer pulses will be transmitted.
CEIR Receive Operation
The CEIR receiver is significantly different from a UART
receiver. The incoming IR signals are DASK modulated;
therefore, demodulation may be necessary. Also, there are
no START bits in the incoming data stream.
The operations performed by the receiver, whenever an IR
signal is detected, are slightly different, depending on
whether or not receiver demodulation is enabled. If demod-
ulation is disabled, the receiver immediately becomes
active. If demodulation is enabled, the receiver checks the
carrier frequency of the incoming signal and becomes
active only if the frequency is within the programmed
range. Otherwise, the signal is ignored and no other action
is taken.
When the receiver enters the Active state, the RXACT bit of
the ASCR is set to 1. Once in the Active state, the receiver
keeps sampling the IR input signal and generates a bit-
string, where a logic 1 indicates an Idle condition and a
logic 0 indicates the presence of IR energy. The IR input is
sampled regardless of the presence of IR pulses at a rate
determined by the value loaded into the Baud Generator
Divisor Registers. The received bit-string is either de-serial-
ized and assembled into 8-bit characters, or is converted to
run-length encoded values. The resulting data bytes are
then transferred into the receiver FIFO (RX_FIFO).
The receiver also sets the RXWDG bit of the ASCR each
time an IR pulse signal is detected. This bit is automatically
cleared when the ASCR is read. It is intended to assist the
software in determining when the IR link has been Idle for a
period of time. The software can then stop data from being
received by writing a 1 into the RXACT bit to clear it, and
return the receiver to the inactive state.
The frequency bandwidth for the incoming modulated IR
signal is selected by the DFR and DBW fields in the
IRRXDC register. There are two CEIR receive data modes:
Oversampled and Programmed T Period. For either mode,
the sampling rate is determined by the setting of the Baud
Generator Divisor Registers.
Oversampled mode can be used with the receiver demodu-
lator either enabled or disabled. It should be used with the
demodulator disabled when a detailed snapshot of the
incoming signal is needed; for example, to determine the
period of the carrier signal. If the demodulator is enabled,
the stream of samples can be used to reconstruct the
incoming bit-string. To obtain good resolution, a fairly high
sampling rate should be selected.
Programmed T Period mode should be used with the
receiver demodulator enabled. The T Period represents
one-half bit time for protocols using biphase encoding or
the basic unit of pulse distance for protocols using pulse
distance encoding. The baud is usually programmed to
match the T Period. For long periods of logic low or high,
the receiver samples the demodulated signal at the pro-
grammed sampling rate.
When a new IR energy pulse is detected, the receiver syn-
chronizes the sampling process to the incoming signal tim-
ing. This reduces timing-related errors and eliminates the
possibility of missing short IR pulse sequences, especially
with the RECS 80 protocol. In addition, the Programmed T
Period sampling minimizes the amount of data used to rep-
resent the incoming IR signal, therefore reducing the pro-
cessing overhead in the host CPU.
4.11.1.5 FIFO Timeouts
Timeout mechanisms are provided to prevent received
data from remaining in the RX_FIFO indefinitely, in case
the programmed interrupt or DMA thresholds are not
reached.
An RX_FIFO timeout generates a Receiver Data Ready
interrupt and/or a receiver DMA request if bit 0 of the IER
register and/or bit 2 of the MCR register (in Extended
mode) are set to 1, respectively. An RX_FIFO timeout also
sets bit 0 of the ASCR register to 1 if the RX_FIFO is below
the threshold. When a Receiver Data Ready interrupt
occurs, this bit is tested by the software to determine
whether a number of bytes indicated by the RX_FIFO
threshold can be read without checking bit 0 of the LSR
register.
The conditions that must exist for a timeout to occur in the
modes of operation are described below. When a timeout
has occurred, it can only be reset when the FIFO is read by
the processor or DMA controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com