Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 127Page - National Semiconductor (TI) CS5535 Datasheet HTML 128Page - National Semiconductor (TI) CS5535 Datasheet HTML 129Page - National Semiconductor (TI) CS5535 Datasheet HTML 130Page - National Semiconductor (TI) CS5535 Datasheet HTML 131Page - National Semiconductor (TI) CS5535 Datasheet HTML 132Page - National Semiconductor (TI) CS5535 Datasheet HTML 133Page - National Semiconductor (TI) CS5535 Datasheet HTML 134Page - National Semiconductor (TI) CS5535 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 555 page
background image
Revision 0.8
131
www.national.com
UART/IR Controller Functional Description (Continued)
4.11.3 Dongle Interface
The dongle interface on the CS5535 is not a fully hardware
compatible interface. The real dongle interface requires six
external interface signals and the CS5535 only supports
three. With only three signals, the dongle interface sup-
ports a subset of the real dongle interface through virtual-
ization.
4.11.3.1 Real Dongle
The real dongle interface uses six multiplexed pins for don-
gle identification, data transfer, and transceiver configura-
tion. Figure 4-35 illustrates the real dongle interface and
Table 4-20 provides the interface signals and their descrip-
tions.
Only three signals (IRTX, IRRX, and ID0/IRSL0/IRRX2) are
used for the IR interface. It has three phases:
Phase 1:
Change the ID0-ID3 bits to input mode, and read the
status to complete primary identification of the dongle.
Phase 2:
Change ID1 and ID2 as output and read the status of
ID0 and ID3 to complete the secondary dongle identifi-
cation phase. This phase provides information about
the connected dongle.
Phase 3:
Configure mode: Change IRSL[2:0] as an output and
configure the transceiver for the required mode. If two
infrared inputs are required, change IRSL0 to an input
to give the second receiver channel IRRX2. The IRSL2
and IRSL1 are configured as outputs to keep the
transceiver in the required mode.
Figure 4-35. Real Dongle Interface
Table 4-20. Real Dongle Interface Signals
Signal Name
Type
Description
IRTX
O
Infrared transmit data
IRRX
I
Infrared receive data
ID0/IRSL0/IRRX2
I/O
Identification signal 0
Infrared mode select 0
Infrared receive data for
transceivers with two RX
channels
ID1/IRSL1
I/O
Identification signal 1
Infrared mode select 1
ID2/IRSL2
I/O
Identification signal 2
Infrared mode select 2
ID3
I/O
Identification signal 2
Shielded
Cable
IrDa-Data Transceiver with Receive Channels
TX
RX-A
RX-B
IR
Controller
Transceiver Select Logic
Resistance
Pull-up
VCC
IRTX
IRRXI
ID0/IRSL0/IRRX2
ID1/IRSL1
ID2/IRSL2
ID3
ASIC Boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com