Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 133 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 133 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 129Page - National Semiconductor (TI) CS5535 Datasheet HTML 130Page - National Semiconductor (TI) CS5535 Datasheet HTML 131Page - National Semiconductor (TI) CS5535 Datasheet HTML 132Page - National Semiconductor (TI) CS5535 Datasheet HTML 133Page - National Semiconductor (TI) CS5535 Datasheet HTML 134Page - National Semiconductor (TI) CS5535 Datasheet HTML 135Page - National Semiconductor (TI) CS5535 Datasheet HTML 136Page - National Semiconductor (TI) CS5535 Datasheet HTML 137Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 555 page
background image
Revision 0.8
133
www.national.com
4.12 DIRECT MEMORY ACCESS MODULE
The Direct Memory Access (DMA) module supports indus-
try standard DMA architecture using two 8237-compatible
DMA controllers in cascaded configuration. Figure 4-37
shows the DMA module partitioning. It consists of two stan-
dard 8237 DMA controllers, a bus interface, address map-
per, and source mapper.
Features
• 32-bit address range support via high page registers.
• Supports the standard 7-channel DMA configuration, out
of which the four 8-bit channels are used.
• DMA mapper to route DMA sources to the four 8-bit
DMA channels.
• DMA sources to come from the LPC bus, and come from
transmit and receive from the two UARTs.
• Allow the data bus to be released in between DMA
transfers during demand or bulk mode to allow transfers
to the DMA module or the module doing DMA transfers.
4.12.1 DMA Mapper Source Selection
For each 8-bit DMA channel, the DMA mapper allows the
DMA request to come from a number of sources. Table 4-
21 shows how the DMA mapper register select field selects
the appropriate DMA source.
When LPC is selected as the DMA source for DMA Chan-
nel 0, the source is LPC DMA Channel 0. Similarly, when
LPC is selected as the source for DMA Channel 1, 2, or 3,
then the DMA sources for those three DMA channels are
respectively LPC DMA Channels 1, 2, and 3. Therefore,
LPC DMA Channel 0 can only be mapped to DMA Channel
0, LPC DMA Channel 1 can only be mapped to DMA Chan-
nel 1, etc.
Figure 4-37. DMA Module Block Diagram
Table 4-21. DMA Source Selection
Source Selector
Value from DMA
Mapper
DMA Source
0
None (DMA channel off)
1UART1 Transmit
2
UART1 Receive
3UART2 Transmit
4
UART2 Receive
5
Reserved (not active)
6
Reserved (not active)
7LPC
8237
8237
Data LBus I/F
LPC I/F
DMA R/W Controls
DMA Requests
DMA Acks
Bus
Interface
and Registers
LPC and DMA
Interfaces with
DMA mapper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com