Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIT-W102 Datasheet(PDF) 5 Page - Advantech Co., Ltd.

Part # MIT-W102
Description  10" Medical-Grade Tablet with Intel® Pentium® Processor and PCAP Touchscreen
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIT-W102 Datasheet(HTML) 5 Page - Advantech Co., Ltd.

  MIT-W102 Datasheet HTML 1Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 2Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 3Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 4Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 5Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 6Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Medical-Grade Tablet
Features
VESA Docking Station
ƒ
VESA (75 x 75 mm) compliant docking station
ƒ
Reliable docking connector with LED indicator for connectivity
ƒ
Equipped with a variety of I/O for easy integration
Specifications
Model Name
MIT-W102 VESA Docking Station
Color
White
Dimensions (H x W x D)
224.7 x 200 x 56.4 mm/8.84 x 7.87 x 5.64 in
Weight
630 g/1.39 lb
I/O
1 x LAN, 1 x VGA, 1 x COM, 2 x USB 2.0
Power Input
19V, 3.15A max.
I/O
Ordering Information
Part Number
Description
Color
MIT-W102-ACCVD001E
MIT-W102 VESA docking station
White
Docking port
Connected/charging LED indicators
DC-In jack
1 x VGA
2 x USB 2.0
1 x LAN
1 x COM
Standard
VESA Mount
Hole
75 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com